Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PZU51ADG Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części PZU51ADG
Szczegółowy opis  Single Zener diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZU51ADG Arkusz danych(HTML) 5 Page - NXP Semiconductors

  PZU51ADG Datasheet HTML 1Page - NXP Semiconductors PZU51ADG Datasheet HTML 2Page - NXP Semiconductors PZU51ADG Datasheet HTML 3Page - NXP Semiconductors PZU51ADG Datasheet HTML 4Page - NXP Semiconductors PZU51ADG Datasheet HTML 5Page - NXP Semiconductors PZU51ADG Datasheet HTML 6Page - NXP Semiconductors PZU51ADG Datasheet HTML 7Page - NXP Semiconductors PZU51ADG Datasheet HTML 8Page - NXP Semiconductors PZU51ADG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PZUXBA_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 September 2008
5 of 14
NXP Semiconductors
PZUxBA series
Single Zener diodes
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 µs; square wave; Tj =25 °C prior to surge
Table 8.
Characteristics per type; PZU2.4BA to PZU5.6B3A and PZU2.4BA/DG to PZU5.6B3A/DG
Tj =25 °C unless otherwise specified.
PZUxBA
Sel
Working
voltage
VZ (V)
Differential resistance
rdif (Ω)
Reverse
current
IR (µA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5mA
IZ = 0.5 mA IZ =5mA
IZ =5mA
Min
Max
Max
Max
Max
VR (V)
Typ
Max
Max
2.4
B
2.3
2.6
1000
100
50
1
−1.6
450
8
2.7
B
2.5
2.9
1000
100
20
1
−2.0
440
8
B1
2.5
2.75
B2
2.65
2.9
3.0
B
2.8
3.2
1000
95
10
1
−2.1
425
8
B1
2.8
3.05
B2
2.95
3.2
3.3
B
3.1
3.5
1000
95
5
1
−2.4
410
8
B1
3.1
3.35
B2
3.25
3.5
3.6
B
3.4
3.8
1000
90
5
1
−2.4
390
8
B1
3.4
3.65
B2
3.55
3.8
3.9
B
3.7
4.1
1000
90
3
1
−2.5
370
8
B1
3.7
3.97
B2
3.87
4.10
4.3
B
4.01
4.48
1000
90
3
1
−2.5
350
8
B1
4.01
4.21
B2
4.15
4.34
B3
4.28
4.48
4.7
B
4.42
4.9
800
80
2
1
−1.4
325
8
B1
4.42
4.61
B2
4.55
4.75
B3
4.69
4.9
5.1
B
4.84
5.37
250
60
2
1.5
0.3
300
5.5
B1
4.84
5.04
B2
4.98
5.2
B3
5.14
5.37
5.6
B
5.31
5.92
100
40
1
2.5
1.9
275
5.5
B1
5.31
5.55
B2
5.49
5.73
B3
5.67
5.92


Podobny numer części - PZU51ADG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
PZU5.1 NEXPERIA-PZU5.1 Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
PZU5.1A NEXPERIA-PZU5.1A Datasheet
231Kb / 15P
   Single Zener diod
Rev. 01 - 19 September 2008
PZU5.1A-Q NEXPERIA-PZU5.1A-Q Datasheet
281Kb / 12P
   Single Zener diodes
Rev. 1 - 10 August 2022
PZU5.1A/DG NEXPERIA-PZU5.1A/DG Datasheet
231Kb / 15P
   Single Zener diod
Rev. 01 - 19 September 2008
logo
NXP Semiconductors
PZU5.1B PHILIPS-PZU5.1B Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
More results

Podobny opis - PZU51ADG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com