Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK3305-ZJ Arkusz danych(PDF) 4 Page - NEC

Numer części 2SK3305-ZJ
Szczegółowy opis  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

2SK3305-ZJ Arkusz danych(HTML) 4 Page - NEC

  2SK3305-ZJ Datasheet HTML 1Page - NEC 2SK3305-ZJ Datasheet HTML 2Page - NEC 2SK3305-ZJ Datasheet HTML 3Page - NEC 2SK3305-ZJ Datasheet HTML 4Page - NEC 2SK3305-ZJ Datasheet HTML 5Page - NEC 2SK3305-ZJ Datasheet HTML 6Page - NEC 2SK3305-ZJ Datasheet HTML 7Page - NEC 2SK3305-ZJ Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D14003EJ1V0DS00
4
2SK3305
Figure6. TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
100
10
1
0.1
0.0001
0.001
0.01
0.1
1
10
100
1000
PW - Pulse Width - s
Tc = 25 ˚C
Single Pulse
0.01
Rth(ch-C) = 1.67 ˚C/W
Rth(ch-A) = 62.5 ˚C/W
Figure7. FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
10
1
0.1
110
ID - Drain Current - A
0.01
0.01
100
0.1
TA = –25 ˚C
25 ˚C
75 ˚C
125 ˚C
VDS = 10 V
Pulsed
Figure8. DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
10
15
20
VGS - Gate to Source Voltage - V
Pulsed
25
05
0.0
ID = 2.5 A
3.0
4.0
2.0
1.0
ID = 5.0 A
3.0
2.0
0
Figure9. DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
0.1
10
ID - Drain Current - A
1
Pulsed
1.0
100
1.0
0.0
–50
0
50
100
150
200
Tch - Channel Temperature - ˚C
Figure10. GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
2.0
3.0
4.0
VDS = 10 V
ID = 1 mA


Podobny numer części - 2SK3305-ZJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
2SK3305-ZJ KEXIN-2SK3305-ZJ Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
Inchange Semiconductor ...
2SK3305-ZJ ISC-2SK3305-ZJ Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3305-ZJ RENESAS-2SK3305-ZJ Datasheet
306Kb / 10P
   SWITCHINGN-CHANNEL POWER MOS FET
2000
More results

Podobny opis - 2SK3305-ZJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com