Zakładka z wyszukiwarką danych komponentów |
|
SMAZ5V1 Arkusz danych(PDF) 1 Page - Micro Commercial Components |
|
SMAZ5V1 Arkusz danych(HTML) 1 Page - Micro Commercial Components |
1 / 4 page SMAZ5V1 THRU SMAZ39 1 Watt Zener Diode 5.1V - 39V Volts Features • 1.0W Power Dissipation • High Surge Capability • Ideally Suited for Automatic Assembly • Standard VZ Tolerance is +/- 5% • Storage Temperature Range(TSTG): -65 to +150 0.070" 0.090” 0.085” SUGGESTED SOLDER PAD LAYOUT DO-214AC (SMAJ)( LEAD FRAME) DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A .079 .096 2.00 2.44 B .050 .064 1.27 1.63 C .002 .008 .05 .20 D --- .02 --- .51 E .030 .060 .76 1.52 F .065 .091 1.65 2.32 G .189 .220 4.80 5.59 H .157 .181 4.00 4.60 J .090 .115 2.25 2.92 H J E F G A B D C omponents 20736 Marilla Street Chatsworth !"# $% !"# MCC TM Micro Commercial Components • Operating Temperature Range(Tj): -65 to +150 Symbol Value Units Zener Current IZM Pd/Vz mA Power Dissipation @TA=50oC Ptot 1000 m W Junction to Terminal Thermal resistance 125 oC/W RthJA Forward Voltage@IF = 200mA VF V 1.2 RthJT 30 oC/W Cathode Band www.mccsemi.com 1 of 4 Revision: C 20 13/04/26 MaximumRatings • Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information) Note: 1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7. • Epoxy meets UL 94 V-0 flammability rating • Moisture Sensitivity Level 1 • Halogen free available upon request by adding suffix "-HF" |
Podobny numer części - SMAZ5V1 |
|
Podobny opis - SMAZ5V1 |