Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N3613GP Arkusz danych(PDF) 1 Page - General Semiconductor

Numer części 1N3613GP
Szczegółowy opis  GLASS PASSIVATED JUNCTION RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GE [General Semiconductor]
Strona internetowa  http://www.vishay.com
Logo GE - General Semiconductor

1N3613GP Arkusz danych(HTML) 1 Page - General Semiconductor

  1N3613GP Datasheet HTML 1Page - General Semiconductor 1N3613GP Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N3611GP THRU 1N3614GP AND 1N3957GP
GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 200 to 1000 Volts
Forward Current - 1.0 Ampere
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ High temperature metallurgically bonded construction
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ Glass passivated cavity-free junction
♦ 1.0 Ampere operation at TA=75°C with
no thermal runaway
♦ Typical IR less than 0.1µA
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-204AL molded plastic over glass body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 ounce, 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
1N
1N
1N
1N
1N
SYMBOLS
3611GP
3612GP
3613GP
3614GP
3957GP
UNITS
* Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
Volts
* Maximum RMS voltage
VRMS
140
280
420
560
700
Volts
* Maximum DC blocking voltage
VDC
200
400
600
800
1000
Amps
* Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=75°C
I(AV)
1.0
Amps
* Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
30.0
Amps
Maximum instantaneous forward voltage at 1.0A
VF
1.0
Volts
* Maximum DC reverse current
TA=25°C
1.0
at rated DC blocking voltage
TA=150°C
IR
300.0
µA
Typical reverse recovery time (NOTE 1)
trr
2.0
µs
Typical junction capacitance (NOTE 2)
CJ
8.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
55.0
°C/W
R
ΘJL
25.0
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr =0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length, P.C.B. mounted
* JEDEC registered values
4/98
0.107 (2.7)
0.080 (2.0)
0.034 (0.86)
0.028 (0.71)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)
DIA.
NOTE:
Lead diameter is
for suffix "E" part numbers
0.026 (0.66)
0.023 (0.58)
Dimensions in inches and (millimeters)
*Glass-plastic encapsulation technique is covered by
Patent No. 3,996,602 and brazed-lead assembly by Patent No. 3,930,306
DO-204AL
®


Podobny numer części - 1N3613GP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
1N3613GP VISHAY-1N3613GP Datasheet
76Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 15-Mar-11
logo
Shenzhen Taychipst Elec...
1N3613GP TAYCHIPST-1N3613GP Datasheet
1Mb / 2P
   Glass Passivated Junction Rectifier
logo
Vishay Siliconix
1N3613GP VISHAY-1N3613GP Datasheet
101Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
More results

Podobny opis - 1N3613GP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
G2A GE-G2A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A_09 Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 03-Nov-09
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com