Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM193A Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM193A
Szczegółowy opis  LM193A/LM193QML Low Power Low Offset Voltage Dual Comparators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM193A Arkusz danych(HTML) 1 Page - Texas Instruments

  LM193A Datasheet HTML 1Page - Texas Instruments LM193A Datasheet HTML 2Page - Texas Instruments LM193A Datasheet HTML 3Page - Texas Instruments LM193A Datasheet HTML 4Page - Texas Instruments LM193A Datasheet HTML 5Page - Texas Instruments LM193A Datasheet HTML 6Page - Texas Instruments LM193A Datasheet HTML 7Page - Texas Instruments LM193A Datasheet HTML 8Page - Texas Instruments LM193A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM193A, LM193QML
www.ti.com
SNOSAM2C – MAY 2005 – REVISED MARCH 2013
LM193A/LM193QML Low Power Low Offset Voltage Dual Comparators
Check for Samples: LM193A, LM193QML
1
FEATURES
DESCRIPTION
The LM193 series consists of two independent
2
Available with Radiation Guarantee
precision voltage comparators with an offset voltage
Total Ionizing Dose 100 krad(Si)
specification as low as 2.0 mV max for two
ELDRS Free 100 krad(Si)
comparators which were designed specifically to
operate from a single power supply over a wide range
Wide Supply
of voltages. Operation from split power supplies is
Voltage Range: 2.0VDC to 36VDC
also possible and the low power supply current drain
Single or Dual Supplies: ±1.0V to ±18V
is independent of the magnitude of the power supply
voltage. These comparators also have a unique
Very Low Supply Current Drain (0.4 mA) —
characteristic in that the input common-mode voltage
Independent of Supply Voltage
range includes ground, even though operated from a
Low Input Biasing Current: 25 nA typ
single power supply voltage.
Low Input Offset Current: ±5 nA typ
Application areas include limit comparators, simple
Input Common-Mode Voltage Range Includes
analog to digital converters; pulse, squarewave and
Ground
time delay generators; wide range VCO; MOS clock
Differential Input Voltage Range Equal to the
timers; multivibrators and high voltage digital logic
gates. The LM193 series was designed to directly
Power Supply Voltage
interface with TTL and CMOS. When operated from
Low Output Saturation Voltage,: 250 mV at 4
both plus and minus power supplies, the LM193
mA typ
series will directly interface with MOS logic where
Output Voltage Compatible with TTL, DTL,
their low power drain is a distinct advantage over
ECL, MOS and CMOS Logic Systems
standard comparators.
ADVANTAGES
High Precision Comparators
Reduced VOS Drift Over Temperature
Eliminates Need for Dual Supplies
Allows Sensing Near Ground
Compatible with All Forms of Logic
Power Drain Suitable for Battery Operation
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM193A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
LM193A PHILIPS-LM193A Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
logo
National Semiconductor ...
LM193A NSC-LM193A Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
STMicroelectronics
LM193A STMICROELECTRONICS-LM193A Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
logo
Texas Instruments
LM193A TI1-LM193A Datasheet
637Kb / 22P
[Old version datasheet]   Low Power Low Offset Voltage Dual Comparators
logo
STMicroelectronics
LM193A STMICROELECTRONICS-LM193A Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
February 2006 Rev. 6
More results

Podobny opis - LM193A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com