Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM4004-T Arkusz danych(PDF) 3 Page - Rectron Semiconductor

Numer części FM4004-T
Szczegółowy opis  PASSIVATED SILICON RECTIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RECTRON [Rectron Semiconductor]
Strona internetowa  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM4004-T Arkusz danych(HTML) 3 Page - Rectron Semiconductor

  FM4004-T Datasheet HTML 1Page - Rectron Semiconductor FM4004-T Datasheet HTML 2Page - Rectron Semiconductor FM4004-T Datasheet HTML 3Page - Rectron Semiconductor FM4004-T Datasheet HTML 4Page - Rectron Semiconductor FM4004-T Datasheet HTML 5Page - Rectron Semiconductor FM4004-T Datasheet HTML 6Page - Rectron Semiconductor FM4004-T Datasheet HTML 7Page - Rectron Semiconductor FM4004-T Datasheet HTML 8Page - Rectron Semiconductor FM4004-T Datasheet HTML 9Page - Rectron Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE, (V)
Lead Temperature (
OC)
0
0.01
1.0
0.1
10
100
1000
0
0.5
1.0
1.5
2.0
20
40
60
80
100
120
140
175
125
150
50
25
75
100
0
0
0.5 1.0
2.5
3.5 4.0 4.5
2.0
0.1
1.0
10
20
1.5
3.0
5.0
RATING AND CHARACTERISTICS CURVES ( FM4001 THRU FM4007 )
FIG.3 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 TYPICAL REVERSE
CHARACTERISTICS
REVERSE VOLTAGE, (V)
0.1
1
8
6
4
2
10
20
40
40
0.4 1.0
4
10
80
FIG.4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
10
0
15
25
30
20
2
4
6 8 10
20
40
80 100
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
Single Phase Half Wave 60Hz
Resistive or Inductive Load
0.375" (9.5mm) Lead Length
TJ = 25 OC
Pulse width=300mS
1% Duty Cycle
TJ = 25 OC
8.3mS Single Half Sine-Wave
JEDEC Method
TA = 25 OC
TA = 75 OC
TA = 100 OC


Podobny numer części - FM4004-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Formosa MS
FM4004-L FORMOSA-FM4004-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM4004-L FORMOSA-FM4004-L Datasheet
93Kb / 7P
   Chip General Purpose Rectifiers
FM4004-M FORMOSA-FM4004-M Datasheet
67Kb / 2P
   Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4004-M PACELEADER-FM4004-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
FM4004-M LUGUANG-FM4004-M Datasheet
171Kb / 2P
   1.0A Surface Mount General Purpose Rectifiers
More results

Podobny opis - FM4004-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
1N5415 CENTRAL-1N5415 Datasheet
287Kb / 2P
   PASSIVATED SILICON RECTIFIER
logo
Sangdest Microelectroni...
RL101 SMC-RL101 Datasheet
178Kb / 4P
   PASSIVATED SILICON RECTIFIER
logo
Central Semiconductor C...
1N5188 CENTRAL-1N5188_15 Datasheet
289Kb / 2P
   PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Shanghai Shunye Electro...
1N4001G SY-1N4001G Datasheet
232Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
6A05G SY-6A05G Datasheet
1,002Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
SBM4001PT CHENMKO-SBM4001PT Datasheet
72Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Shanghai Shunye Electro...
1N4001SG SHUNYE-1N4001SG_17 Datasheet
594Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5400G SHUNYE-1N5400G_17 Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY127G SHUNYE-BY127G_17 Datasheet
991Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com