Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL32177E Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części ISL32177E
Szczegółowy opis  QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32177E Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button ISL32177E Datasheet HTML 7Page - Intersil Corporation ISL32177E Datasheet HTML 8Page - Intersil Corporation ISL32177E Datasheet HTML 9Page - Intersil Corporation ISL32177E Datasheet HTML 10Page - Intersil Corporation ISL32177E Datasheet HTML 11Page - Intersil Corporation ISL32177E Datasheet HTML 12Page - Intersil Corporation ISL32177E Datasheet HTML 13Page - Intersil Corporation ISL32177E Datasheet HTML 14Page - Intersil Corporation ISL32177E Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
FN7529.1
March 14, 2013
Application Information
RS-485 and RS-422 are differential (balanced) data
transmission standards for use in long haul or noisy
environments. RS-422 is a subset of RS-485, so RS-485
transceivers are also RS-422 compliant. RS-422 is a
point-to-multipoint (multidrop) standard, which allows
only one driver and up to 10 (assuming one unit load
devices) receivers on each bus. RS-485 is a true
multipoint standard, which allows up to 32 one unit load
devices (any combination of drivers and receivers) on
each bus.
Another important advantage of RS-485 is the extended
common mode range (CMR), which specifies that the
driver outputs and receiver inputs withstand signals that
range from +12V to -7V. RS-422 and RS-485 are
intended for runs as long as 4000’, so the wide CMR is
necessary to handle ground potential differences, as well
as voltages induced in the cable by external fields.
Receiver Features
These devices utilize differential receivers for maximum
noise immunity and common mode rejection. Input
sensitivity is better than ±200mV, as required by the
RS-422 and RS-485 specifications.
Receiver input resistance of 48kΩ surpasses the RS-422
specification of 4kΩ and is four times the RS-485 “Unit
Load (UL)” requirement of 12kΩ minimum. Thus, these
products are known as “one-quarter UL” receivers and
there can be up to 128 of these devices on a network
while still complying with the RS-485 loading
specification.
Receiver inputs function with common mode voltages as
great as +9V/-7V outside the power supplies (i.e., +12V
and -7V with VCC = 3.0V), making them ideal for long
networks where induced voltages, and ground potential
differences are realistic concerns.
All the receivers include a “fail-safe open” function that
guarantees a high level receiver output if the receiver
inputs are unconnected (floating).
All receivers easily support a 20Mbps data rate, and the
ISL32173E, ISL32175E, and ISL32177E support data
rates up to 80Mbps. All receiver outputs are tri-statable,
with the enable scheme varying by part type (see next
section).
Receiver Enable Functions
All product types include functionality to allow disabling
of the Rx outputs. The ISL32X73E types feature group
(all four Rx) enable functions that are active high (EN) or
active low (EN). Receivers enable when EN = 1, or when
EN = 0, and they disable only when EN = 0 and EN = 1.
ISL32X75E versions use active high paired enable
Test Circuits and Waveforms
FIGURE 1A. TEST CIRCUIT
FIGURE 1B. MEASUREMENT POINTS
FIGURE 1. RECEIVER PROPAGATION DELAY
FIGURE 2A. TEST CIRCUIT
FIGURE 2B. MEASUREMENT POINTS
FIGURE 2. RECEIVER ENABLE AND DISABLE TIMES
SIGNAL
GENERATOR
R
RO
EN
A
B
+1.5V
15pF
RO
3V
0V
tPLH
1.5V
1.5V
VCC OR VL
0V
50%
tPHL
A
50%
1kΩ
VCC
GND
SW
PARAMETER
A
SW
tHZ
+1.5V
GND
tLZ
-1.5V
VCC
tZH (Notes 15, 21)
+1.5V
GND
tZL (Notes 15, 21)
-1.5V
VCC
tZH(SHDN) (Notes 16, 20)
+1.5V
GND
tZL(SHDN) (Notes 16, 20)
-1.5V
VCC
SIGNAL
GENERATOR
R
RO
EN
A
B
GND
15pF
OR VL
RO
3V OR VL
0V
1.5V
1.5V
VOH
0V
VOH - 0.5V
tHZ
RO
VCC OR VL
VOL
VOL + 0.5V
tLZ
EN
OUTPUT LOW
tZL, tZL(SHDN)
tZH, tZH(SHDN)
LOWER OF
LOWER OF
1.5V OR VL/2
OUTPUT HIGH
1.5V OR VL/2
ISL32173E, ISL32175E, ISL32177E, ISL32273E, ISL32275E, ISL32277E


Podobny numer części - ISL32177E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL32177E INTERSIL-ISL32177E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL32177E INTERSIL-ISL32177E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL32177E RENESAS-ISL32177E Datasheet
1Mb / 21P
   Telecom equipment
logo
Intersil Corporation
ISL32177EFRZ INTERSIL-ISL32177EFRZ Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL32177EFRZ RENESAS-ISL32177EFRZ Datasheet
1Mb / 21P
   Telecom equipment
More results

Podobny opis - ISL32177E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
   5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com