Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK3365 Arkusz danych(PDF) 1 Page - NEC

Numer części 2SK3365
Szczegółowy opis  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

2SK3365 Arkusz danych(HTML) 1 Page - NEC

  2SK3365 Datasheet HTML 1Page - NEC 2SK3365 Datasheet HTML 2Page - NEC 2SK3365 Datasheet HTML 3Page - NEC 2SK3365 Datasheet HTML 4Page - NEC 2SK3365 Datasheet HTML 5Page - NEC 2SK3365 Datasheet HTML 6Page - NEC 2SK3365 Datasheet HTML 7Page - NEC 2SK3365 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1999
MOS FIELD EFFECT TRANSISTOR
2SK3365
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
DATA SHEET
Document No.
D14255EJ1V0DS00 (1st edition)
Date Published
September 1999 NS CP(K)
Printed in Japan
DESCRIPTION
The 2SK3365 is N-Channel MOS Field Effect Transistor
designed for DC/DC converters application of notebook
computers.
FEATURES
• Low on-resistance
RDS(on)1 = 14 m
Ω (MAX.) (VGS = 10 V, ID = 15 A)
RDS(on)2 = 21 m
Ω (MAX.) (VGS = 4.5 V, ID = 15 A)
RDS(on)3 = 29 m
Ω (MAX.) (VGS = 4.0 V, ID = 15 A)
• Low Ciss : Ciss = 1300 pF (TYP.)
• Built-in gate protection diode
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Drain to Source Voltage (VGS = 0 V)
VDSS
30
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC)
ID(DC)
±30
A
Drain Current (Pulse)
Note
ID(pulse)
±120
A
Total Power Dissipation (TC = 25 °C)
PT
36
W
Total Power Dissipation (TA = 25 °C)
PT
1.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to + 150
°C
Note PW
≤ 10
µs, Duty cycle ≤ 1 %
THERMAL RESISTANCE
Channel to case
Rth(ch-C)
3.48
°C/W
Channel to ambient
Rth(ch-A)
125
°C/W
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3365
TO-251
2SK3365-Z
TO-252


Podobny numer części - 2SK3365

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
2SK3365 KEXIN-2SK3365 Datasheet
48Kb / 1P
   MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SK3365 VBSEMI-2SK3365 Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3365 ISC-2SK3365 Datasheet
399Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3365 RENESAS-2SK3365 Datasheet
233Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
1999
logo
Inchange Semiconductor ...
2SK3365-Z ISC-2SK3365-Z Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - 2SK3365

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com