Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

H06CV1 Arkusz danych(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Numer części H06CV1
Szczegółowy opis  CARRON FILM TRIMMER POTENTIOMETER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Strona internetowa  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

H06CV1 Arkusz danych(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  H06CV1 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model(型號): CARRON FILM TRIMMER POTENTIOMETER--------H06C[x] [x] [x] V1
► Download PDF file
Features:(特點):
Compact design with a good space factor
Applications(作用):
For volume controls, electronic tuning and brightness control in radio , headphone
stereo,liquidcrystal TV set,personal computer, CD-ROM,ect.
Dimensions(規格圖 ):
Specifications( 規格)
Electrical Characteristics [ 電氣性能 ]
Total resistance [ 全阻抗值 ]
100
Ω - 1MΩ
Total resistance tolerance [ 全阻抗值容許差 ]
±30%
Ratings power(w) [ 額定功率 ]
0.1W
Resistance taper [ 阻抗變化特性 ]
Taper B
Sliding noise [滑動雜音]
150mV Max.
Temperature characteristics(70°C,5Hrs) [溫度特性]
3% Max.
Insulation resistance [絕緣阻抗]
100M
Ω Min. at DC 100V.
Max. operating voltage [最高使用電壓]
AC 100V at 50°C
Solder heat resistance [溫焊錫耐熱性]
260°C, 5s or 300°C , 3s
Mechanical Characteristics [ 机械性能 ]
Operation torque [
回轉力矩 ]
30~300gf . cm
Rotation stopper strength [ 止動強度 ]
0.7Kgf . cm Min.
Total rotational angle [回轉角度]
240 ±10°
Endurance Characteristics [ 耐久性能 ]
Rotational life [
回轉壽命 ]
More than 100 turns. Following 50 ±2 rotation without load. Change in
total resistance value to be within ±20% Max.
[ 100 轉以上, 以無負荷 50 ±2 回轉後, 全阻值變化在 ±20%以內]
Http://www.productwell.com E-Mail: pwltw@productwell.com
TEL: 0769-81353212
FAX: 0769-81353211


Podobny numer części - H06CV1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Productwell Precision E...
H06C PRODUCTWELL-H06C Datasheet
113Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H06CH1 PRODUCTWELL-H06CH1 Datasheet
151Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
More results

Podobny opis - H06CV1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Productwell Precision E...
H06M101V1 PRODUCTWELL-H06M101V1 Datasheet
127Kb / 2P
   CARRON FILM TRIMMER POTENTIOMETER
H08C PRODUCTWELL-H08C Datasheet
116Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H08CHD PRODUCTWELL-H08CHD Datasheet
117Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H101 PRODUCTWELL-H101 Datasheet
123Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H515 PRODUCTWELL-H515 Datasheet
131Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H06M101H1 PRODUCTWELL-H06M101H1 Datasheet
123Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H06P PRODUCTWELL-H06P Datasheet
265Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H08CHA PRODUCTWELL-H08CHA Datasheet
153Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H06PXXXV1 PRODUCTWELL-H06PXXXV1 Datasheet
334Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
H08CHG PRODUCTWELL-H08CHG Datasheet
120Kb / 1P
   CARRON FILM TRIMMER POTENTIOMETER
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com