Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8345 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8345
Szczegółowy opis  16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8345 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS8345 Datasheet HTML 3Page - Texas Instruments ADS8345 Datasheet HTML 4Page - Texas Instruments ADS8345 Datasheet HTML 5Page - Texas Instruments ADS8345 Datasheet HTML 6Page - Texas Instruments ADS8345 Datasheet HTML 7Page - Texas Instruments ADS8345 Datasheet HTML 8Page - Texas Instruments ADS8345 Datasheet HTML 9Page - Texas Instruments ADS8345 Datasheet HTML 10Page - Texas Instruments ADS8345 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ADS8345
SBAS177C
7
www.ti.com
TYPICAL CHARACTERISTICS: +5V (Cont.)
At TA = +25°C, +VCC = +2.5V, VREF = +2.5V, fSAMPLE = 100kHz, and fDCLK = 24 • fSAMPLE = 2.4MHz, unless otherwise noted.
WORST-CASE CHANNEL-TO-CHANNEL
GAIN MATCH vs TEMPERATURE
–50
–25
0
25
50
75
100
Temperature (
°C)
0.5
0.4
0.3
0.2
0.1
COMMON-MODE REJECTION vs FREQUENCY
0.1
1
10
100
Frequency (kHz)
100
90
80
70
60
50
V
CM = 2Vp-p Sinewave Centered Around VREF
TYPICAL CHARACTERISTICS: +2.7V
At TA = +25°C, +VCC = +2.7V, VREF = +1.25V, fSAMPLE = 100kHz, and fDCLK = 24 • fSAMPLE = 2.4MHz, unless otherwise noted.
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 1.001kHz, –0.2dB)
0
10203040
50
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY SPECTRUM
(4096 Point FFT; f
IN = 9.985kHz, –0.2dB)
0
10203040
50
Frequency (kHz)
SIGNAL-TO-NOISE RATIO AND
SIGNAL-TO-(NOISE + DISTORTION)
vs INPUT FREQUENCY
10
1
100
Frequency (kHz)
95
85
75
65
55
SINAD
SNR
SPURIOUS-FREE DYNAMIC RANGE
AND TOTAL HARMONIC DISTORTION
vs INPUT FREQUENCY
10
1
100
Frequency (kHz)
100
90
80
70
60
50
–100
–90
–80
–70
–60
–50
THD
(1)
SFDR
NOTE: (1) First Nine Harmonics
of the Input Frequency


Podobny numer części - ADS8345

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8345 TI-ADS8345 Datasheet
505Kb / 18P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345E TI-ADS8345E Datasheet
505Kb / 18P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345E TI1-ADS8345E Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345E/2K5 TI-ADS8345E/2K5 Datasheet
505Kb / 18P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345E/2K5 TI1-ADS8345E/2K5 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS8345

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8344 TI1-ADS8344_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8344 BURR-BROWN-ADS8344 Datasheet
278Kb / 13P
   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8345 TI-ADS8345 Datasheet
505Kb / 18P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345 TI1-ADS8345_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343 BURR-BROWN-ADS8343 Datasheet
446Kb / 18P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com