Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7864 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części ADS7864
Szczegółowy opis  500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7864 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS7864_14 Datasheet HTML 7Page - Texas Instruments ADS7864_14 Datasheet HTML 8Page - Texas Instruments ADS7864_14 Datasheet HTML 9Page - Texas Instruments ADS7864_14 Datasheet HTML 10Page - Texas Instruments ADS7864_14 Datasheet HTML 11Page - Texas Instruments ADS7864_14 Datasheet HTML 12Page - Texas Instruments ADS7864_14 Datasheet HTML 13Page - Texas Instruments ADS7864_14 Datasheet HTML 14Page - Texas Instruments ADS7864_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
APPLICATIONS INFORMATION
INTRODUCTION
REFERENCE
ANALOG INPUT
SAMPLE-AND-HOLD SECTION
ADS7864
ADS7864
Single−Ended Input
Common
Voltage
−V
REF to +VREF
peak−to−peak
Differential Input
Common
Voltage
V
REF
peak−to−peak
V
REF
peak−to−peak
ADS7864
SBAS141A – SEPTEMBER 2000 – REVISED MARCH 2005
signal, is 5ns. The average delta of repeated aperture
delay values is typically 50ps (also known as aperture
jitter). These specifications reflect the ability of the
ADS7864 to capture AC input signals accurately at
The ADS7864 is a high speed, low power, dual 12-bit
the exact same moment in time.
analog-to-digital converter (ADC) that operates from a
single +5V supply. The input channels are fully
differential with a typical common-mode rejection of
80dB. The part contains dual 2µs successive approxi-
Under normal operation, the REFOUT pin (pin 2)
mation ADCs, six differential sample-and-hold ampli-
should be directly connected to the REFIN pin (pin 1)
fiers, an internal +2.5V reference with REFIN and
to provide an internal +2.5V reference to the
REFOUT pins and a high speed parallel interface.
ADS7864. The ADS7864 can operate, however, with
There are six analog inputs that are grouped into
an external reference in the range of 1.2V to 2.6V for
three channels (A, B and C). Each A/D converter has
a corresponding full-scale range of 2.4V to 5.2V.
three inputs (A0/A1, B0/B1 and C0/C1) that can be
The
internal
reference
of
the
ADS7864
is
sampled and converted simultaneously, thus pre-
double-buffered. If the internal reference is used to
serving the relative phase information of the signals
drive an external load, a buffer is provided between
on both analog inputs. Each pair of channels has a
the reference and the load applied to pin 33 (the
hold signal (HOLDA, HOLDB, HOLDC) to allow
internal reference can typically source 2mA of cur-
simultaneous sampling on all six channels. The part
rent—load capacitance should not exceed 100pF). If
accepts an analog input voltage in the range of –VREF
an external reference is used, the second buffer
to +VREF, centered around the internal +2.5V refer-
provides isolation between the external reference and
ence. The part will also accept bipolar input ranges
the CDAC. This buffer is also used to recharge all of
when a level shift circuit is used at the front end (see
the capacitors of both CDACs during conversion.
Figure 25).
A conversion is initiated on the ADS7864 by bringing
the HOLDX pin low for a minimum of 15ns. HOLDX
The analog input is bipolar and fully differential. There
low places both sample-and-hold amplifiers of the X
are two general methods of driving the analog input
channels in the hold state simultaneously and the
of the ADS7864: single-ended or differential (see
conversion process is started on both channels. The
Figure 19 and Figure 20). When the input is
BUSY output will then go low and remain low for the
single-ended, the –IN input is held at the com-
duration of the conversion cycle. The data can be
mon-mode voltage. The +IN input swings around the
read from the parallel output bus following the con-
same common voltage and the peak-to-peak ampli-
version by bringing both RD and CS low.
tude
is
the
(common-mode
+VREF)
and
the
Conversion time for the ADS7864 is 1.75µs when an
(common-mode –VREF). The value of VREF determines
8MHz external clock is used. The corresponding
the range over which the common-mode voltage may
acquisition time is 0.25µs. To achieve maximum
vary (see Figure 21).
output rate (500kHz), the read function can be
performed during at the start of the next conversion.
NOTE: This mode of operation is described in more
detail in the Timing and Control section of this data
sheet.
The sample-and-hold amplifiers on the ADS7864
allow the ADCs to accurately convert an input sine
wave of full-scale amplitude to 12-bit accuracy. The
input bandwidth of the sample-and-hold is greater
than the Nyquist rate of the ADC (Nyquist equals
one-half of the sampling rate) even when the ADC is
operated at its maximum throughput rate of 500kHz.
The
typical
small-signal
bandwidth
of
the
sample-and-hold amplifiers is 40MHz.
Typical aperture delay time, or the time it takes for
Figure 19. Methods of Driving the ADS7864
the ADS7864 to switch from the sample to the hold
Single-Ended or Differential
mode following the negative edge of the HOLDX
11


Podobny numer części - ADS7864_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7864Y BURR-BROWN-ADS7864Y Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7864Y/250 BURR-BROWN-ADS7864Y/250 Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7864Y/250 TI1-ADS7864Y/250 Datasheet
994Kb / 27P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7864Y/250G4 TI1-ADS7864Y/250G4 Datasheet
994Kb / 27P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7864Y/2K BURR-BROWN-ADS7864Y/2K Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7864_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7864 TI1-ADS7864 Datasheet
994Kb / 27P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7864 BURR-BROWN-ADS7864 Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
THS1209 TI1-THS1209 Datasheet
318Kb / 33P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com