Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK3366-Z Arkusz danych(PDF) 5 Page - NEC

Numer części 2SK3366-Z
Szczegółowy opis  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

2SK3366-Z Arkusz danych(HTML) 5 Page - NEC

  2SK3366-Z Datasheet HTML 1Page - NEC 2SK3366-Z Datasheet HTML 2Page - NEC 2SK3366-Z Datasheet HTML 3Page - NEC 2SK3366-Z Datasheet HTML 4Page - NEC 2SK3366-Z Datasheet HTML 5Page - NEC 2SK3366-Z Datasheet HTML 6Page - NEC 2SK3366-Z Datasheet HTML 7Page - NEC 2SK3366-Z Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D14256EJ1V0DS00
5
2SK3366
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
0
− 50
20
10
0
50
100
150
ID = 10 A
40
50
30
10 V
4.5 V
VGS = 4.0 V
1.0
1.2
0
1.6
1.4
VSD - Source to Drain Voltage - V
0.2
0.4
0.6
0.8
Pulsed
VGS = 10 V
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
0.1
1
10
100
0 V
4.5 V
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
10
0.1
0.01
100
1000
10000
1
10
100
VGS = 0 V
f = 1 MHz
Coss
Crss
Ciss
SWITCHING CHARACTERISTICS
ID - Drain Current - A
1
0.1
10
100
10000
1000
1
10
100
VDD = 15 V
VGS = 10 V
RG = 10
tf
tr
td(on)
td(off)
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
IF - Diode Current - A
di/dt = 100 A/
µs
VGS = 0 V
1
0.1
10
1
10
100
1000
100
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
0
10
20
10
20
30
40
2
4
6
8
0
VDD = 24 V
15 V
6 V
VDS
12
14
10
ID = 20 A
VGS
5
15


Podobny numer części - 2SK3366-Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2SK3366-Z ISC-2SK3366-Z Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3366-Z RENESAS-2SK3366-Z Datasheet
229Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
1999
More results

Podobny opis - 2SK3366-Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com