Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7844 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części ADS7844
Szczegółowy opis  12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7844 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS7844_14 Datasheet HTML 5Page - Texas Instruments ADS7844_14 Datasheet HTML 6Page - Texas Instruments ADS7844_14 Datasheet HTML 7Page - Texas Instruments ADS7844_14 Datasheet HTML 8Page - Texas Instruments ADS7844_14 Datasheet HTML 9Page - Texas Instruments ADS7844_14 Datasheet HTML 10Page - Texas Instruments ADS7844_14 Datasheet HTML 11Page - Texas Instruments ADS7844_14 Datasheet HTML 12Page - Texas Instruments ADS7844_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ADS7844
9
SBAS100A
www.ti.com
THEORY OF OPERATION
The ADS7844 is a classic successive approximation register
(SAR) analog-to-digital (A/D) converter. The architecture is
based on capacitive redistribution which inherently includes
a sample/hold function. The converter is fabricated on a
0.6
µs CMOS process.
The basic operation of the ADS7844 is shown in Figure 1.
The device requires an external reference and an external
clock. It operates from a single supply of 2.7V to 5.25V. The
external reference can be any voltage between 100mV and
+VCC. The value of the reference voltage directly sets the
input range of the converter. The average reference input
current depends on the conversion rate of the ADS7844.
The analog input to the converter is differential and is
provided via an eight-channel multiplexer. The input can be
provided in reference to a voltage on the COM pin (which
is generally ground) or differentially by using four of the
eight input channels (CH0 - CH7). The particular configura-
tion is selectable via the digital interface.
A2
A1
A0
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
00
0
+IN
–IN
00
1
+IN
–IN
01
0
+IN
–IN
01
1
+IN
–IN
10
0
–IN
+IN
10
1
–IN
+IN
11
0
–IN
+IN
11
1
–IN
+IN
TABLE II. Differential Channel Control (SGL/DIF LOW).
TABLE I. Single-Ended Channel Selection (SGL/DIF HIGH).
FIGURE 1. Basic Operation of the ADS7844.
A2
A1
A0
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
00
0
+IN
–IN
10
0
+IN
–IN
00
1
+IN
–IN
10
1
+IN
–IN
01
0
+IN
–IN
11
0
+IN
–IN
01
1
+IN
–IN
11
1
+IN
–IN
ANALOG INPUT
Figure 2 shows a block diagram of the input multiplexer on
the ADS7844. The differential input of the converter is
derived from one of the eight inputs in reference to the COM
pin or four of the eight inputs. Table I and Table II show the
relationship between the A2, A1, A0, and SGL/DIF control
bits and the configuration of the analog multiplexer. The
control bits are provided serially via the DIN pin, see the
Digital Interface section of this data sheet for more details.
When the converter enters the hold mode, the voltage
difference between the +IN and –IN inputs (see Figure 2) is
captured on the internal capacitor array. The voltage on the
–IN input is limited between –0.2V and 1.25V, allowing the
input to reject small signals which are common to both the
+IN and –IN input. The +IN input has a range of –0.2V to
+VCC + 0.2V.
The input current on the analog inputs depends on the
conversion rate of the device. During the sample period, the
source must charge the internal sampling capacitor (typi-
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
SHDN
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
+V
CC
D
CLK
CS
D
IN
BUSY
D
OUT
GND
GND
+V
CC
V
REF
Serial/Conversion Clock
Chip Select
Serial Data In
Serial Data Out
+2.7V to +5V
1
µF to 10µF
ADS7844
Single-ended
or differential
analog inputs
1
µF to 10µF
0.1
µF


Podobny numer części - ADS7844_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7844E BURR-BROWN-ADS7844E Datasheet
204Kb / 14P
   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7844E TI1-ADS7844E Datasheet
756Kb / 22P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7844E/2K5 TI1-ADS7844E/2K5 Datasheet
756Kb / 22P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7844E/2K5G4 TI1-ADS7844E/2K5G4 Datasheet
756Kb / 22P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7844EB BURR-BROWN-ADS7844EB Datasheet
204Kb / 14P
   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7844_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7844 BURR-BROWN-ADS7844 Datasheet
204Kb / 14P
   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7841-Q1 TI1-ADS7841-Q1 Datasheet
674Kb / 24P
[Old version datasheet]   12-BIT 4-CHANNEL SERIAL-OUTPUT SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7841 TI1-ADS7841_14 Datasheet
492Kb / 20P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7841 BURR-BROWN-ADS7841 Datasheet
277Kb / 14P
   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7841EG4 TI-ADS7841EG4 Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345 TI1-ADS8345_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8344 TI1-ADS8344_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8344 BURR-BROWN-ADS8344 Datasheet
278Kb / 13P
   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8345 TI-ADS8345 Datasheet
505Kb / 18P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345 TI1-ADS8345_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com