Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7834 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7834
Szczegółowy opis  12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7834 Arkusz danych(HTML) 3 Page - Texas Instruments

  ADS7834 Datasheet HTML 1Page - Texas Instruments ADS7834 Datasheet HTML 2Page - Texas Instruments ADS7834 Datasheet HTML 3Page - Texas Instruments ADS7834 Datasheet HTML 4Page - Texas Instruments ADS7834 Datasheet HTML 5Page - Texas Instruments ADS7834 Datasheet HTML 6Page - Texas Instruments ADS7834 Datasheet HTML 7Page - Texas Instruments ADS7834 Datasheet HTML 8Page - Texas Instruments ADS7834 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ADS7834
3
SBAS098A
www.ti.com
SPECIFICATIONS
At TA = –40°C to +85°C, +VCC = +5V, fSAMPLE = 500kHz, fCLK = 16 • fSAMPLE, internal reference, unless otherwise specified.
ADS7834P, E
ADS7834PB, EB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ANALOG INPUT
Full-Scale Input Span(1)
+IN – (–IN)
0
VREF
✻✻
V
Absolute Input Range
+IN
–0.2
VREF +0.2
✻✻
V
–IN
–0.2
+0.2
✻✻
V
Capacitance
25
pF
Leakage Current
1
µA
SYSTEM PERFORMANCE
Resolution
12
Bits
No Missing Codes
12
Bits
Integral Linearity Error
±1
±2
±0.5
±1
LSB(2)
Differential Linearity Error
±0.8
±0.5
±1LSB
Offset Error
±2
±5
±1
LSB
Gain Error(3)
25
°C
±12
±30
±7
±15
LSB
–40
°C to +85°C
±50
±35
LSB
Common-Mode Rejection
DC, 0.2Vp-p
70
dB
1MHz, 0.2Vp-p
50
dB
Noise
60
µVrms
Power Supply Rejection
Worst Case
∆, +V
CC = 5V ±5%
1.2
LSB
SAMPLING DYNAMICS
Conversion Time
1.625
µs
Acquisition Time
0.350
µs
Throughput Rate
500
kHz
Aperture Delay
5
ns
Aperture Jitter
30
ps
Step Response
350
ns
DYNAMIC CHARACTERISTICS
Signal-to-Noise Ratio
VIN = 5Vp-p at 10kHz
72
dB
Total Harmonic Distortion(4)
VIN = 5Vp-p at 10kHz
–78
–72
–82
–75
dB
Signal-to-(Noise+Distortion)
VIN = 5Vp-p at 10kHz
68
70
70
72
dB
Spurious Free Dynamic Range
VIN = 5Vp-p at 10kHz
72
78
75
82
dB
Usable Bandwidth
SNR > 68dB
350
kHz
REFERENCE OUTPUT
Voltage
IOUT = 0
2.475
2.50
2.525
2.48
2.52
V
Source Current(5)
Static Load
50
µA
Drift
IOUT = 0
20
ppm /
°C
Line Regulation
4.75V
≤ V
CC ≤ 5.25V
0.6
mV
REFERENCE INPUT
Range
2.0
2.55
✻✻
V
Resistance(6)
to Internal Reference Voltage
10
✻✻
k
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Logic Levels:
VIH
|IIH| ≤ +5µA
3.0
VCC +0.3
✻✻
V
VIL
|IIL| ≤ +5µA
–0.3
0.8
✻✻
V
VOH
IOH = –500µA
3.5
✻✻
V
VOL
IOL = 500µA
0.4
✻✻
V
Data Format
Straight Binary
POWER SUPPLY REQUIREMENT
+VCC
Specified Performance
4.75
5.25
✻✻
V
Quiescent Current
fSAMPLE = 500kHz
2.2
mA
Power-Down
0.5
mA
Power Dissipation
fSAMPLE = 500kHz
11
20
✻✻
mW
Power-Down
2.5
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C
✻ Specifications same as ADS7834P,E.
NOTES: (1) Ideal input span, does not include gain or offset error. (2) LSB means Least Significant Bit, with VREF equal to +2.5V, one LSB is 610µV. (3) Measured
relative to an ideal, full-scale input (+IN – (–IN)) of 2.499V. Thus, gain error includes the error of the internal voltage reference. (4) Calculated on the first nine
harmonics of the input frequency. (5) If the internal reference is required to source current to an external load, the reference voltage will change due to the internal
10k
Ω resistor. (6) Can vary ±30%.


Podobny numer części - ADS7834

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7834 BURR-BROWN-ADS7834 Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834E BURR-BROWN-ADS7834E Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834E/250 BURR-BROWN-ADS7834E/250 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834E/2K5 BURR-BROWN-ADS7834E/2K5 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834EB BURR-BROWN-ADS7834EB Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7834

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7835 TI1-ADS7835_14 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7835 BURR-BROWN-ADS7835 Datasheet
169Kb / 13P
   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 BURR-BROWN-ADS7834 Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818PG4 TI-ADS7818PG4 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7834 BURR-BROWN-ADS7834_13 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818E TI-ADS7818E Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7835E TI-ADS7835E Datasheet
824Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com