Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1254 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1254
Szczegółowy opis  24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1254 Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS1254 Datasheet HTML 1Page - Texas Instruments ADS1254 Datasheet HTML 2Page - Texas Instruments ADS1254 Datasheet HTML 3Page - Texas Instruments ADS1254 Datasheet HTML 4Page - Texas Instruments ADS1254 Datasheet HTML 5Page - Texas Instruments ADS1254 Datasheet HTML 6Page - Texas Instruments ADS1254 Datasheet HTML 7Page - Texas Instruments ADS1254 Datasheet HTML 8Page - Texas Instruments ADS1254 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
24-Bit, 20kHz, Low Power
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q 24 BITS—NO MISSING CODES
q 19 BITS EFFECTIVE RESOLUTION UP TO
20kHz DATA RATE
q LOW NOISE: 1.8ppm
q FOUR DIFFERENTIAL INPUTS
q INL: 15ppm (max)
q EXTERNAL REFERENCE (0.5V to 5V)
q POWER-DOWN MODE
q SYNC MODE
q LOW POWER: 4mW at 20kHz
q SEPARATE DIGITAL INTERFACE SUPPLY 1.8V
to 3.6V
DESCRIPTION
The ADS1254 is a precision, wide dynamic range, delta-
sigma, Analog-to-Digital (A/D) converter with 24-bit resolu-
tion. The delta-sigma architecture is used for wide dynamic
range and to ensure 24 bits of no missing codes perfor-
mance. An effective resolution of 19 bits (1.8ppm of rms
noise) is achieved for conversion rates up to 20kHz.
The ADS1254 is designed for high-resolution measurement
applications in cardiac diagnostics, smart transmitters, indus-
trial process control, weight scales, chromatography, and
portable instrumentation. The converter includes a flexible,
two-wire synchronous serial interface for low-cost isolation.
The ADS1254 is a multi-channel converter and is offered in
an SSOP-20 package.
APPLICATIONS
q CARDIAC DIAGNOSTICS
q DIRECT THERMOCOUPLE INTERFACES
q BLOOD ANALYSIS
q INFRARED PYROMETERS
q LIQUID/GAS CHROMATOGRAPHY
q PRECISION PROCESS CONTROL
ADS1254
SBAS213B – JUNE 2001 – REVISED JUNE 2006
4th-Order
∆Σ
Modulator
Digital
Filter
Serial
Interface
Control
CLK
VREF
SCLK
DOUT/DRDY
AV
DD
DV
DD
AGND
DGND
ADS1254
Mux
CH1+
CH1–
CH2+
CH2–
CH3+
CH3–
CH4+
CH4–
CHSEL0
CHSEL1
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001-2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
ADS1254
All trademarks are the property of their respective owners.


Podobny numer części - ADS1254

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1254 TI-ADS1254 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1254-EP TI1-ADS1254-EP Datasheet
537Kb / 26P
[Old version datasheet]   24-Bit, 20-kHz, LOW POWER ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254E BURR-BROWN-ADS1254E Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1254E/2K5 BURR-BROWN-ADS1254E/2K5 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS1254

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI1-ADS1251_14 Datasheet
901Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com