Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1244IDGSR Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1244IDGSR
Szczegółowy opis  Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1244IDGSR Arkusz danych(HTML) 2 Page - Texas Instruments

  ADS1244IDGSR Datasheet HTML 1Page - Texas Instruments ADS1244IDGSR Datasheet HTML 2Page - Texas Instruments ADS1244IDGSR Datasheet HTML 3Page - Texas Instruments ADS1244IDGSR Datasheet HTML 4Page - Texas Instruments ADS1244IDGSR Datasheet HTML 5Page - Texas Instruments ADS1244IDGSR Datasheet HTML 6Page - Texas Instruments ADS1244IDGSR Datasheet HTML 7Page - Texas Instruments ADS1244IDGSR Datasheet HTML 8Page - Texas Instruments ADS1244IDGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ADS1244
2
SBAS273
www.ti.com
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
ABSOLUTE MAXIMUM RATINGS(1)
AVDD to GND ....................................................................... –0.3V to +6V
DVDD to GND ................................................................... –0.3V to +3.6V
Input Current ............................................................... 100mA, Momentary
Input Current ................................................................ 10mA, Continuous
Analog Input Voltage to GND .............................. –0.5V to AVDD + 0.5V
Digital Input Voltage to GND ............................... –0.3V to DVDD + 0.3V
Digital Output Voltage to GND ............................. –0.3V to DVDD + 0.3V
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature Range ......................................... –60
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS1244
MSOP-10
DGS
–40
°C to +85°C
BHG
ADS1244IDGST
Tape and Reel, 250
"
"""
"
ADS1244IDGSR
Tape and Reel, 2500
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
PACKAGE/ORDERING INFORMATION
PIN CONFIGURATION
PIN
NUMBER
NAME
DESCRIPTION
1
GND
Analog and Digital Ground
2
VREFP
Positive Reference Input
3
VREFN
Negative Reference Input
4
AINN
Negative Analog Input
5
AINP
Positive Analog Input
6
AVDD
Analog Power Supply, 2.5V to 5.25V
7
DVDD
Digital Power Supply, 1.8V to 3.6V
8
DRDY/
Dual-Purpose Output:
DOUT
Data Ready: Indicates valid data by going LOW.
Data Output: Outputs data, MSB first, on the first
rising edge of SCLK.
9
SCLK
Serial Clock Input: Clocks out data on the rising
edge. Used to initiate calibration and Sleep Mode,
see text for more details.
10
CLK
System Clock Input: Typically 2.4576MHz
PIN DESCRIPTIONS
Top View
MSOP
1
2
3
4
5
10
9
8
7
6
CLK
SCLK
DRDY/DOUT
DVDD
AVDD
GND
VREFP
VREFN
AINN
AINP
ADS1244
PRODUCT
DESCRIPTION
ADS1244-EVM
ADS1244 Evaluation Module
DEMO BOARD ORDERING INFORMATION


Podobny numer części - ADS1244IDGSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1244IDGSR BURR-BROWN-ADS1244IDGSR Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS1244IDGSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1254 TI1-ADS1254_14 Datasheet
719Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com