Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1252UG4 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1252UG4
Szczegółowy opis  24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1252UG4 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS1252UG4 Datasheet HTML 4Page - Texas Instruments ADS1252UG4 Datasheet HTML 5Page - Texas Instruments ADS1252UG4 Datasheet HTML 6Page - Texas Instruments ADS1252UG4 Datasheet HTML 7Page - Texas Instruments ADS1252UG4 Datasheet HTML 8Page - Texas Instruments ADS1252UG4 Datasheet HTML 9Page - Texas Instruments ADS1252UG4 Datasheet HTML 10Page - Texas Instruments ADS1252UG4 Datasheet HTML 11Page - Texas Instruments ADS1252UG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ADS1252
8
SBAS127D
www.ti.com
FIGURE 2. Recommended External Voltage Reference Circuit for Best Low-Noise Operation with the ADS1252.
DELTA-SIGMA MODULATOR
The ADS1252 operates from a nominal system clock fre-
quency of 16MHz which is fixed in relation to the system
clock frequency that is divided by 6 to derive the modulator
frequency; therefore, with a system clock frequency of 16MHz,
the modulator frequency is 2.667MHz. Furthermore, the
oversampling ratio of the modulator is fixed in relation to the
modulator frequency. The oversampling ratio of the modula-
tor is 64, and with the modulator frequency running at
2.667MHz, the data rate is 41.667kHz; thus, using a slower
system clock frequency will result in a lower data output rate,
as shown in Table I.
TABLE I. CLK Rate versus Data Output Rate.
CLK (MHz)
DATA OUTPUT RATE (Hz)
16.000(1)
41 667
15.360(1)
40 000
15.000(1)
30 063
14.745600(1)
38 400
14.318180(1)
37 287
12.288000(1)
32 000
12.000000(1)
31 250
11.059220(1)
28 800
10.000000(1)
26 042
9.600000
25 000
7.372800(1)
19 200
6.144000(1)
16 000
6.000000(1)
15 625
4.915200(1)
12 800
3.686400(1)
9 600
3.072000(1)
8 000
2.457600(1)
6 400
1.843200(1)
4 800
0.921600
2 400
0.460800
1 200
0.384000
1 000
0.192000
500
0.038400
100
0.023040
60
0.019200
50
0.011520
30
0.009600
25
0.007680
20
0.006400
16.67
0.005760
15
0.004800
12.50
0.003840
10
NOTE: (1) Standard Clock Oscillator.
REFERENCE INPUT
Reference input takes an average current of 220
µA with a
16MHz system clock; this current will be proportional to the
system clock. A buffered reference is recommended for
ADS1252. The recommended reference circuit is shown in
Figure 2.
Reference voltages higher than 4.096V will increase the full-
scale range, whereas the absolute internal circuit noise of the
converter remains the same. This will decrease the noise in
terms of ppm of full scale, which increases the effective
resolution (see the typical characteristic curve,
RMS Noise vs
VREF).
DIGITAL FILTER
The digital filter of the ADS1252, referred to as a sinc5 filter,
computes the digital result based on the most recent outputs
from the delta-sigma modulator. At the most basic level, the
digital filter can be thought of as simply averaging the
modulator results in a weighted form and presenting this
average as the digital output. The digital output rate, or data
rate, scales directly with the system CLK frequency, this
allows the data output rate to be changed over a very wide
range (five orders of magnitude) by changing the system
CLK frequency. However, it is important to note that the
–3dB point of the filter is 0.216 times the data output rate, so
the data output rate must allow for sufficient margin to
prevent attenuation of the signal of interest.
As the conversion result is essentially an average, the
data-output rate determines the location of the resulting
notches in the digital filter (see Figure 3). Note that the first
notch is located at the data-output rate frequency, and
subsequent notches are located at integer multiples of the
data-output rate to allow for rejection of not only the funda-
mental frequency, but also harmonic frequencies. In this
manner, the data-output rate can be used to set specific
notch frequencies in the digital filter response.
0.10
µF
+5V
10k
10
µF
4
3
2
7
6
+
0.10
µF
0.1
µF
10
µF
+
0.1
µF
OPA350
0.1
µF
+5V
3
1
2
To V
REF
Pin 8 of
the ADS1252
REF3140


Podobny numer części - ADS1252UG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1252UG4 TI1-ADS1252UG4 Datasheet
352Kb / 21P
[Old version datasheet]   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS1252UG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1252 TI1-ADS1252_16 Datasheet
352Kb / 21P
[Old version datasheet]   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1252 BURR-BROWN-ADS1252 Datasheet
131Kb / 14P
   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com