Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1254E2K5G4 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części ADS1254E2K5G4
Szczegółowy opis  24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1254E2K5G4 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS1254E2K5G4 Datasheet HTML 1Page - Texas Instruments ADS1254E2K5G4 Datasheet HTML 2Page - Texas Instruments ADS1254E2K5G4 Datasheet HTML 3Page - Texas Instruments ADS1254E2K5G4 Datasheet HTML 4Page - Texas Instruments ADS1254E2K5G4 Datasheet HTML 5Page - Texas Instruments ADS1254E2K5G4 Datasheet HTML 6Page - Texas Instruments ADS1254E2K5G4 Datasheet HTML 7Page - Texas Instruments ADS1254E2K5G4 Datasheet HTML 8Page - Texas Instruments ADS1254E2K5G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADS1254
4
SBAS213B
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, AVDD = +5V, DVDD = +1.8V, CLK = 8MHz, and VREF = 4.096, unless otherwise specified.
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
RMS NOISE vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
RMS NOISE vs DATA OUTPUT RATE
100
1k
10k
100k
Data Ouput Rate (Hz)
20.0
19.8
19.6
19.4
19.2
19.0
18.8
18.6
18.4
18.2
18.0
EFFECTIVE RESOLUTION vs DATA OUTPUT RATE
100
1k
10k
100k
Data Ouput Rate (Hz)
20.0
19.8
19.6
19.4
19.2
19.0
18.8
18.6
18.4
18.2
18.0
EFFECTIVE RESOLUTION vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
18
16
14
12
10
8
6
4
2
0
V
REF Voltage (V)
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
RMS NOISE vs V
REF VOLTAGE
14
12
10
8
6
4
2
0
V
REF Voltage (V)
0
1.0
1.5
0.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
RMS NOISE vs V
REF VOLTAGE


Podobny numer części - ADS1254E2K5G4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1254E BURR-BROWN-ADS1254E Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1254E/2K5 BURR-BROWN-ADS1254E/2K5 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS1254E2K5G4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI1-ADS1251_14 Datasheet
901Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com