Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1244IDGST Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1244IDGST
Szczegółowy opis  Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1244IDGST Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS1244IDGST Datasheet HTML 5Page - Texas Instruments ADS1244IDGST Datasheet HTML 6Page - Texas Instruments ADS1244IDGST Datasheet HTML 7Page - Texas Instruments ADS1244IDGST Datasheet HTML 8Page - Texas Instruments ADS1244IDGST Datasheet HTML 9Page - Texas Instruments ADS1244IDGST Datasheet HTML 10Page - Texas Instruments ADS1244IDGST Datasheet HTML 11Page - Texas Instruments ADS1244IDGST Datasheet HTML 12Page - Texas Instruments ADS1244IDGST Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ADS1244
9
SBAS273
www.ti.com
To help see the response at lower frequencies, Figure 7
illustrates the response out to 180Hz. Notice that both 50Hz
and 60Hz signals are rejected. This feature is very useful for
eliminating power line cycle interference during measure-
ments. Figure 8 shows the ADS1244’s response around
these frequencies.
The ADS1244’s data rate and frequency response scale
directly with CLK frequency. For example, if fCLK increases
from 2.4576MHz to 4.9152MHz, the data rate increases from
15sps to 30sps while the notches in the response at 50Hz
and 60Hz move out to 100Hz and 120Hz.
SETTLING TIME
The ADS1244 has single-cycle settling. That is, the output
data is fully settled after a single conversion—there is no
need to wait for additional conversions before retrieving the
data when there is a change on the analog inputs.
In order to realize single-cycle settling, synchronize changes
on the analog inputs to the conversion beginning, which is
indicated by the falling edge of DRDY/DOUT. For example,
when using a multiplexer in front of the ADS1244, change the
multiplexer’s inputs when DRDY/DOUT goes LOW. Increas-
ing the time between the conversion beginning and the
change on the analog inputs (tDELAY) will result in a settling
error in the conversion data, as shown in Figure 9. The
settling error versus delay time is shown in Figure 10. If the
input change is delayed to the point where the settling error
is too high, simply ignore the first data result and wait for the
second conversion which will be fully-settled.
FIGURE 9. Analog Input Change Timing.
Begin New Conversion,
Complete Previous Conversion
New Conversion Complete
t
DELAY
DRDY/DOUT
V
IN
Previous Conversion Data
FIGURE 10. Settling Error vs Delay Time.
SETTLING ERROR vs DELAY TIME
f
CLK = 2.4576MHz
Delay Time, t
DELAY (ms)
2
4
6
8
10
12
14
16
0
10.000000
1.000000
0.100000
0.010000
0.001000
0.000100
0.000010
0.000001
FIGURE 7. Frequency Response to 180Hz.
FIGURE 8. Frequency Response Near 50Hz and 60Hz.
FREQUENCY RESPONSE TO 180Hz
f
CLK = 2.4576MHz
Frequency (Hz)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
FREQUENCY RESPONSE NEAR 50Hz AND 60Hz
f
CLK = 2.4576MHz
Frequency (Hz)
50
55
60
65
45
–40
–50
–60
–70
–80
–90
–100
–110
–120


Podobny numer części - ADS1244IDGST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1244IDGST BURR-BROWN-ADS1244IDGST Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS1244IDGST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1254 TI1-ADS1254_14 Datasheet
719Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com