Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1251UG4 Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1251UG4
Szczegółowy opis  24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1251UG4 Arkusz danych(HTML) 2 Page - Texas Instruments

  ADS1251UG4 Datasheet HTML 1Page - Texas Instruments ADS1251UG4 Datasheet HTML 2Page - Texas Instruments ADS1251UG4 Datasheet HTML 3Page - Texas Instruments ADS1251UG4 Datasheet HTML 4Page - Texas Instruments ADS1251UG4 Datasheet HTML 5Page - Texas Instruments ADS1251UG4 Datasheet HTML 6Page - Texas Instruments ADS1251UG4 Datasheet HTML 7Page - Texas Instruments ADS1251UG4 Datasheet HTML 8Page - Texas Instruments ADS1251UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADS1251
2
SBAS184D
www.ti.com
Analog Input: Current ...............................................
±100mA, Momentary
±10mA, Continuous
Voltage .................................... GND – 0.3V to VDD + 0.3V
VDD to GND ............................................................................ –0.3V to 6V
VREF Voltage to GND ............................................... –0.3V to VDD + 0.3V
Digital Input Voltage to GND ................................... –0.3V to VDD + 0.3V
Digital Output Voltage to GND ................................. –0.3V to VDD + 0.3V
Operating Temperature ...................................................... –40
°C to 85°C
Power Dissipation .......................................................................... 500mW
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS1251
SO-8
D
–40
°C to +85°C
ADS1251U
ADS1251U
Rails, 100
"
"""
"
ADS1251U/2K5
Tape and Reel, 2500
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com.
PACKAGE/ORDERING INFORMATION(1)
ELECTRICAL CHARACTERISTICS
All specifications at TMIN to TMAX, VDD = +5V, CLK = 8MHz, and VREF = 4.096, unless otherwise specified.
ADS1251U
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT
Full-Scale Input Voltage
+VIN – (–VIN)
±V
REF
V
Absolute Input Voltage
+VIN or –VIN to GND
–0.3
VDD
V
Differential Input Impedance
CLK = 3.84kHz
430
M
CLK = 1MHz
1.7
M
CLK = 8MHz
210
k
Input Capacitance
6pF
Input Leakage
At +25
°C5
50
pA
At TMIN to TMAX
1nA
DYNAMIC CHARACTERISTICS
Data Rate
20.8
kHz
Bandwidth
–3dB, CLK = 8MHz
4.24
kHz
Serial Clock (SCLK)
8MHz
System Clock Input (CLK)
8MHz
ACCURACY
Integral Nonlinearity
Differential Input
±0.0002
±0.0015
% of FSR
THD
1kHz Input; 0.1dB below FS
105
dB
Noise
1.5
2.5
ppm of FSR, rms
Resolution
24
Bits
No Missing Codes
24
Bits
Common-Mode Rejection
60Hz, AC
90
98
dB
Gain Error
0.1
1
% of FSR
Offset Error
±30
±100
ppm of FSR
Gain Sensitivity to VREF
1:1
Power-Supply Rejection Ratio
70
80
dB
PERFORMANCE OVER TEMPERATURE
Offset Drift
0.07
ppm/
°C
Gain Drift
0.4
ppm/
°C
PRODUCT
# OF INPUTS
MAXIMUM DATA RATE
COMMENTS
ADS1250
1 Differential
25.0kHz
Includes PGA from 1 to 8
ADS1251
1 Differential
20.8kHz
ADS1252
1 Differential
41.7kHz
ADS1253
4 Differential
20.8kHz
ADS1254
4 Differential
20.8kHz
Includes Separate Analog and Digital Supplies
PRODUCT FAMILY


Podobny numer części - ADS1251UG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251UG4 TI1-ADS1251UG4 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS1251UG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1254 TI1-ADS1254_14 Datasheet
719Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com