Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1232 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1232
Szczegółowy opis  24-Bit Analog-to-Digital Converter For Bridge Sensors
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1232 Arkusz danych(HTML) 3 Page - Texas Instruments

  ADS1232 Datasheet HTML 1Page - Texas Instruments ADS1232 Datasheet HTML 2Page - Texas Instruments ADS1232 Datasheet HTML 3Page - Texas Instruments ADS1232 Datasheet HTML 4Page - Texas Instruments ADS1232 Datasheet HTML 5Page - Texas Instruments ADS1232 Datasheet HTML 6Page - Texas Instruments ADS1232 Datasheet HTML 7Page - Texas Instruments ADS1232 Datasheet HTML 8Page - Texas Instruments ADS1232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS1232
ADS1234
SBAS350F – JUNE 2005 – REVISED FEBRUARY 2008
All specifications at TA = –40°C to +105°C, AVDD = DVDD = VREFP = +5V, and VREFN = AGND, unless otherwise noted.
ADS1232, ADS1234
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Analog Inputs
Full-Scale Input Voltage
±0.5VREF/Gain
V
(AINP – AINN)
AINxP or AINxN with respect to GND,
AGND – 0.1
AVDD + 0.1
V
Gain = 1, 2
Common-Mode Input Range
Gain = 64, 128
AGND + 1.5V
AVDD – 1.5V
V
Gain = 1
±3
nA
Differential Input Current
Gain = 2
±6
nA
Gain = 64, 128
±3.5
nA
System Performance
Resolution
No Missing Codes
24
Bits
Internal Oscillator, SPEED = High
78
80
82.4
SPS
Internal Oscillator, SPEED = Low
9.75
10
10.3
SPS
Data Rate
External Oscillator, SPEED = High
fCLK/61,440
SPS
External Oscillator, SPEED = Low
fCLK/491,520
SPS
Digital Filter Settling Time
Full Settling
4
Conversions
Differential Input, End-Point Fit
±0.0002
±0.001
% of FSR(1)
Gain = 1, 2
Integral Nonlinearity (INL)
Differential Input, End-Point Fit
±0.0004
% of FSR
Gain = 64, 128
Gain = 1
±0.2
±5
ppm of FS
Input Offset Error(2)
Gain = 128
±0.02
±1
ppm of FS
Gain = 1
±0.3
µV/
°C
Input Offset Drift
Gain = 128
±10
nV/
°C
Gain = 1
±0.001
±0.02
%
Gain Error(3)
Gain = 128
±0.01
±0.1
%
Gain = 1
±0.2
ppm/
°C
Gain Drift
Gain = 128
±2.5
ppm/
°C
Internal Oscillator, fDATA = 10SPS
100
110
dB
fIN = 50Hz or 60Hz, ±1Hz
Normal-Mode Rejection(4)
External Oscillator, fDATA = 10SPS
120
130
dB
fIN = 50Hz or 60Hz, ±1Hz
at DC, Gain = 1,
ΔV = 1V
95
110
dB
Common-Mode Rejection
at DC, Gain = 128,
ΔV = 0.1V
95
110
dB
Input-Referred Noise
See Noise Performance Tables
at DC, Gain = 1,
ΔV = 1V
100
120
dB
Power-Supply Rejection
at DC, Gain = 128,
ΔV = 0.1V
100
120
dB
Voltage Reference Input
Voltage Reference Input (VREF)
VREF = VREFP – VREFN
1.5
AVDD
AVDD + 0.1V
V
Negative Reference Input (VREFN)
AGND – 0.1
VREFP – 1.5
V
Positive Reference Input (VREFP)
VREFN + 1.5
AVDD + 0.1
V
Voltage Reference
10
nA
Input Current
(1)
FSR = full-scale range = VREF/Gain.
(2)
Offset calibration can minimize these errors to the level of noise at any temperature.
(3)
Gain errors are calibrated at the factory (AVDD = +5V, all gains, TA = +25°C).
(4)
Specification is assured by the combination of design and final production test.
Copyright © 2005–2008, Texas Instruments Incorporated
3
Product Folder Link(s): ADS1232 ADS1234


Podobny numer części - ADS1232

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1232 BURR-BROWN-ADS1232 Datasheet
166Kb / 10P
   Ultra Low-Noise, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1232IPW TI1-ADS1232IPW Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1232IPW TI1-ADS1232IPW Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
ADS1232IPWG4 TI1-ADS1232IPWG4 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
More results

Podobny opis - ADS1232

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1230 TI1-ADS1230_07 Datasheet
588Kb / 29P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
JULY2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com