Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1240E1K Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części ADS1240E1K
Szczegółowy opis  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1240E1K Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS1240E1K Datasheet HTML 1Page - Texas Instruments ADS1240E1K Datasheet HTML 2Page - Texas Instruments ADS1240E1K Datasheet HTML 3Page - Texas Instruments ADS1240E1K Datasheet HTML 4Page - Texas Instruments ADS1240E1K Datasheet HTML 5Page - Texas Instruments ADS1240E1K Datasheet HTML 6Page - Texas Instruments ADS1240E1K Datasheet HTML 7Page - Texas Instruments ADS1240E1K Datasheet HTML 8Page - Texas Instruments ADS1240E1K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ADS1240, 1241
4
SBAS173F
www.ti.com
ELECTRICAL CHARACTERISTICS: AVDD = 3V
All specifications –40
°C to +85°C, AV
DD = +3V, DVDD = +2.7V to 5.25V, fMOD = 19.2kHz, PGA = 1, Buffer ON, fDATA = 15Hz, and VREF = +1.25V, unless otherwise specified.
ADS1240
ADS1241
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT (AIN0 – AIN7, AINCOM)
Analog Input Range
Buffer OFF
AGND – 0.1
AVDD + 0.1
V
Buffer ON
AGND + 0.05
AVDD – 1.5
V
Full-Scale Input Voltage Range
(In+) – (In–) See Block Diagram, RANGE = 0
±V
REF /PGA
V
RANGE = 1
±V
REF /(2 • PGA)
V
Input Impedance
Buffer OFF
5/PGA
M
Differential
Buffer ON
5
G
Bandwidth
fDATA = 3.75Hz
–3dB
1.65
Hz
fDATA = 7.50Hz
–3dB
3.44
Hz
fDATA = 15.00Hz
–3dB
14.6
Hz
Programmable Gain Amplifier
User-Selectable Gain Ranges
1
128
Input Capacitance
9pF
Input Leakage Current
Modulator OFF, T = 25
°C5
pA
Burnout Current Sources
2
µA
OFFSET DAC
Offset DAC Range
RANGE = 0
±V
REF /(2 • PGA)
V
RANGE = 1
±V
REF /(4 • PGA)
V
Offset DAC Monotonicity
8
Bits
Offset DAC Gain Error
±10
%
Offset DAC Gain Error Drift
2
ppm/
°C
SYSTEM PERFORMANCE
Resolution
No Missing Codes
24
Bits
Integral Nonlinearity
End Point Fit
±0.0015
% of FS
Offset Error(1)
15
ppm of FS
Offset Drift(1)
0.04
ppm of FS/
°C
Gain Error
0.01
%
Gain Error Drift(1)
1.0
ppm/
°C
Common-Mode Rejection
at DC
100
dB
fCM = 60Hz, fDATA = 15Hz
130
dB
fCM = 50Hz, fDATA = 15Hz
120
dB
Normal-Mode Rejection
fSIG = 50Hz, fDATA = 15Hz
100
dB
fSIG = 60Hz, fDATA = 15Hz
100
dB
Output Noise
See Typical Characteristics
Power-Supply Rejection
at DC, dB = –20 log(
∆V
OUT /∆VDD)
(2)
75
90
dB
VOLTAGE REFERENCE INPUT
VREF
VREF ≡ (REF IN+) – (REF IN–), RANGE = 0
0.1
1.25
1.30
V
Reference Input Range
REF IN+, REF IN–
0
AVDD
V
RANGE = 1
0.1
2.5
2.6
V
Common-Mode Rejection
at DC
120
dB
Common-Mode Rejection
fVREFCM = 60Hz, fDATA = 15Hz
120
dB
Bias Current(3)
VREF = 1.25
0.65
µA
POWER-SUPPLY REQUIREMENTS
Power-Supply Voltage
AVDD
2.7
3.3
V
Analog Current
PDWN = 0, or SLEEP
1
nA
PGA = 1, Buffer OFF
107
225
µA
PGA = 128, Buffer OFF
355
600
µA
PGA = 1, Buffer ON
118
275
µA
PGA = 128, Buffer ON
483
1225
µA
Digital Current
Normal Mode, DVDD = 3V
50
100
µA
SLEEP Mode, DVDD = 3V
40
µA
Read Data Continuous Mode, DVDD = 3V
113
µA
PDWN = 0
0.5
nA
Power Dissipation
PGA = 1, Buffer OFF, DVDD = 3V
0.6
1.2
mW
NOTES: (1) Calibration can minimize these errors to the level of the noise.
(2)
∆V
OUT is a change in digital result.
(3) 12pF switched capacitor at fSAMP clock frequency.


Podobny numer części - ADS1240E1K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1240E TI-ADS1240E Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240E TI1-ADS1240E Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240E/1K TI-ADS1240E/1K Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240E/1K TI1-ADS1240E/1K Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240E/1KG4 TI1-ADS1240E/1KG4 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS1240E1K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com