Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1222IPWT Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1222IPWT
Szczegółowy opis  24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1222IPWT Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS1222IPWT Datasheet HTML 2Page - Texas Instruments ADS1222IPWT Datasheet HTML 3Page - Texas Instruments ADS1222IPWT Datasheet HTML 4Page - Texas Instruments ADS1222IPWT Datasheet HTML 5Page - Texas Instruments ADS1222IPWT Datasheet HTML 6Page - Texas Instruments ADS1222IPWT Datasheet HTML 7Page - Texas Instruments ADS1222IPWT Datasheet HTML 8Page - Texas Instruments ADS1222IPWT Datasheet HTML 9Page - Texas Instruments ADS1222IPWT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
ADS1222
SBAS314B − APRIL 2004 − REVISED JANUARY 2009
www.ti.com
6
TYPICAL CHARACTERISTICS
At TA = −40°C to +85°C, VDD = +5V, fCLK = 2MHz, and VREF = +2.5V, unless otherwise noted.
Figure 1
ANALOG CURRENT vs TEMPERATURE
Temperature (
_C)
400
375
350
325
300
275
250
225
200
0
−25
25
50
75
125
−50
100
f
CLK =4MHz, VDD= 5V
f
CLK =2MHz, VDD = 3V
fCLK =4MHz, VDD= 3V
f
CLK =2MHz, VDD=5V
Buffer Off
Figure 2
f
CLK =4MHz, VDD= 5V
f
CLK =2MHz, VDD=3V
f
CLK =4MHz, VDD= 3V
f
CLK =2MHz, VDD= 5V
Buffer On
ANALOG CURRENT vs TEMPERATURE
550
500
450
400
350
300
Temperature (
_C)
0
−25
25
50
75
125
−50
100
Figure 3
ANALOG CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
3.5
3.0
4.0
4.5
5.0
5.5
2.5
500
450
400
350
300
250
Buffer Off
Buffer On
f
CLK =2MHz
f
CLK =2MHz
f
CLK =4MHz
f
CLK =4MHz
Figure 4
TEMPERATURE SENSOR VOLTAGE vs TEMPERATURE
Temperature (
_C)
5
−25
35
65
95
125
−55
150
140
130
120
110
100
90
80
70
Figure 5
Input Voltage, V
IN (V)
−3
−4
−2
−1
0
12
34
5
−5
10
8
6
4
2
0
−2
−4
−6
−8
−10
INTEGRAL NONLINEARITY vs INPUT VOLTAGE
−40_C
+25
_C
+85
_C
f
CLK =2MHz
Buffer Off
Figure 6
−1.5
−2.5
−0.5
0.5
1.5
2.5
3.5
−3.5
INTEGRAL NONLINEARITY vs INPUT VOLTAGE
Input Voltage, V
IN (V)
f
CLK =2MHz
Buffer On
10
8
6
4
2
0
−2
−4
−6
−8
−10
−40_C
+25
_C
+85
_C


Podobny numer części - ADS1222IPWT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1222IPWT BURR-BROWN-ADS1222IPWT Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
logo
Texas Instruments
ADS1222IPWT TI1-ADS1222IPWT Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results

Podobny opis - ADS1222IPWT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1222 BURR-BROWN-ADS1222 Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
ADS1224 BURR-BROWN-ADS1224 Datasheet
265Kb / 23P
   24-Bit Analog-to-Digital Converter with 4-Channel Differential Input Multiplexer
logo
Texas Instruments
ADS1224 TI1-ADS1224_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 4-Channel Differential in put Multiplexxer
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com