Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1216Y250 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części ADS1216Y250
Szczegółowy opis  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1216Y250 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS1216Y250 Datasheet HTML 7Page - Texas Instruments ADS1216Y250 Datasheet HTML 8Page - Texas Instruments ADS1216Y250 Datasheet HTML 9Page - Texas Instruments ADS1216Y250 Datasheet HTML 10Page - Texas Instruments ADS1216Y250 Datasheet HTML 11Page - Texas Instruments ADS1216Y250 Datasheet HTML 12Page - Texas Instruments ADS1216Y250 Datasheet HTML 13Page - Texas Instruments ADS1216Y250 Datasheet HTML 14Page - Texas Instruments ADS1216Y250 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
22
21
20
19
18
17
16
15
14
13
12
DecimationRatio=f
/f
MOD DATA
0
500
1000
1500
2000
PGA4
PGA1
PGA2
PGA16
PGA8
PGA32
PGA64
PGA128
Sinc Filter
3
22
21
20
19
18
17
16
15
14
13
12
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA16
PGA32
PGA64
PGA128
DecimationRatio=f
/f
MOD DATA
Sinc Filter,BufferON
3
22
21
20
19
18
17
16
15
14
13
12
DecimationRatio
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA16
PGA32
PGA64
PGA128
Sinc Filter,V
REF =1.25,BUFFERON
3
22
21
20
19
18
17
16
15
14
13
12
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA16
PGA32
PGA64
PGA128
DecimationRatio=f
/f
MOD DATA
Sinc Filter,V
REF =1.25V,BUFFEROFF
3
22
21
20
19
18
17
16
15
14
13
12
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA32
PGA128
PGA16
PGA64
DecimationRatio=f
/f
MOD DATA
Sinc Filter
2
22
21
20
19
18
17
16
15
14
13
12
0
500
1000
1500
2000
DecimationRatio=f
/f
MOD DATA
Fast-SettlingFilter
ADS1216
SBAS171D – NOVEMBER 2000 – REVISED SEPTEMBER 2006
At AVDD = +5V, DVDD = +5V, fOSC = 2.4576MHz, PGA = 1, RDAC = 150kΩ, fDATA = 10Hz, and VREF = +2.5V, unless otherwise specified.
EFFECTIVE NUMBER OF BITS
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
vs DECIMATION RATIO
Figure 1.
Figure 2.
EFFECTIVE NUMBER OF BITS
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
vs DECIMATION RATIO
Figure 3.
Figure 4.
EFFECTIVE NUMBER OF BITS
FAST-SETTLING FILTER
vs DECIMATION RATIO
EFFECTIVE NUMBER OF BITS vs DECIMATION RATIO
Figure 5.
Figure 6.
11
Submit Documentation Feedback


Podobny numer części - ADS1216Y250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1216Y TI-ADS1216Y Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216Y/250 TI-ADS1216Y/250 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216Y/250 TI1-ADS1216Y/250 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216Y/250G4 TI1-ADS1216Y/250G4 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216Y/2K TI-ADS1216Y/2K Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS1216Y250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1216 TI-ADS1216 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com