Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1216Y250G4 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części ADS1216Y250G4
Szczegółowy opis  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1216Y250G4 Arkusz danych(HTML) 3 Page - Texas Instruments

  ADS1216Y250G4 Datasheet HTML 1Page - Texas Instruments ADS1216Y250G4 Datasheet HTML 2Page - Texas Instruments ADS1216Y250G4 Datasheet HTML 3Page - Texas Instruments ADS1216Y250G4 Datasheet HTML 4Page - Texas Instruments ADS1216Y250G4 Datasheet HTML 5Page - Texas Instruments ADS1216Y250G4 Datasheet HTML 6Page - Texas Instruments ADS1216Y250G4 Datasheet HTML 7Page - Texas Instruments ADS1216Y250G4 Datasheet HTML 8Page - Texas Instruments ADS1216Y250G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: AV
DD = +5V
ADS1216
SBAS171D – NOVEMBER 2000 – REVISED SEPTEMBER 2006
All specifications at T
MIN to TMAX, AVDD = +5V, DVDD = +2.7V to +5.25V, fMOD = 19.2kHz, PGA = 1, Buffer ON, RDAC = 150kΩ,
f
DATA = 10Hz, and VREF = +2.5V, unless otherwise specified.
ADS1216
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT (AIN0 – AIN7, AINCOM)
Analog input range
Buffer OFF
AGND – 0.1
AVDD + 0.1
V
Buffer ON
AGND + 0.05
AVDD – 1.5
V
Full-scale input voltage range
(In+) – (In–); see Functional Block
±V
REF/PGA
V
Diagram
Differential input impedance
Buffer OFF
5/PGA
M
Input current
Buffer ON
0.5
nA
Bandwidth
Fast-settling filter
–3dB
0.469
× f
DATA
Hz
–3dB
0.318
× f
DATA
Hz
Sinc2 filter
–3dB
0.262
× f
DATA
Hz
Sinc3 filter
Programmable gain amplifier
User-selectable gain ranges
1
128
Input capacitance
9
pF
Input leakage current
Modulator OFF, TA = +25°C
5
pA
Burnout current sources
2
µA
OFFSET DAC
Offset DAC range
±V
REF /(2 × PGA)
V
Offset DAC monotonicity
8
Bits
Offset DAC gain error
±10
%
Offset DAC gain error drift
1
ppm/
°C
SYSTEM PERFORMANCE
Resolution
24
Bits
No missing codes
24
Bits
Sinc3 filter
Integral nonlinearity
End-point fit
±0.0015
% of FS
Offset error(1)
7.5
ppm of FS
Offset drift(1)
0.02
ppm of FS/
°C
Gain error(1)
0.005
%
Gain error drift(1)
0.5
ppm/
°C
Common-mode rejection
At DC
100
dB
fCM = 60Hz, fDATA = 10Hz
130
dB
fCM = 50Hz, fDATA = 50Hz
120
dB
fCM = 60Hz, fDATA = 60Hz
120
dB
Normal-mode rejection
fSIG = 50Hz, fDATA = 50Hz
100
dB
fSIG = 60Hz, fDATA = 60Hz
100
dB
Output noise
See Typical Characteristics
Power-supply rejection
At DC, dB = –20 log(
∆V
OUT/∆VDD)
(2)
80
95
dB
VOLTAGE REFERENCE INPUT
Reference input range
REF IN+, REF IN–
AGND
AVDD
V
VREF
VREF ≡ (REF IN+) – (REF IN–)
0.1
2.5
2.6
V
Common-mode rejection
at DC
120
dB
Common-mode rejection
fVREFCM = 60Hz, fDATA = 60Hz
120
dB
Bias current(3)
VREF = 2.5V
1.3
µA
(1)
Calibration can minimize these errors.
(2)
∆ V
OUT is change in digital result.
(3)
12pF switched capacitor at fSAMP clock frequency.
3
Submit Documentation Feedback


Podobny numer części - ADS1216Y250G4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1216Y TI-ADS1216Y Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216Y/250 TI-ADS1216Y/250 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216Y/250 TI1-ADS1216Y/250 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216Y/250G4 TI1-ADS1216Y/250G4 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216Y/2K TI-ADS1216Y/2K Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS1216Y250G4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1216 TI-ADS1216 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
[Old version datasheet]   16-Channel, 24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com