Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1204 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1204
Szczegółowy opis  Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1204 Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS1204 Datasheet HTML 1Page - Texas Instruments ADS1204 Datasheet HTML 2Page - Texas Instruments ADS1204 Datasheet HTML 3Page - Texas Instruments ADS1204 Datasheet HTML 4Page - Texas Instruments ADS1204 Datasheet HTML 5Page - Texas Instruments ADS1204 Datasheet HTML 6Page - Texas Instruments ADS1204 Datasheet HTML 7Page - Texas Instruments ADS1204 Datasheet HTML 8Page - Texas Instruments ADS1204 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
CH A+
AVDD
CHA-
Output
Interface
Circuit
RC
Oscillator
20MHz
Out
EN
Clock
Select
Divider
REFIN A
Reference
Voltage
2.5V
REFOUT
OUTA
OUT B
OUT C
OUT D
CLKIN
AGND
BGND
BVDD
CLKOUT
CLKSEL
CHB+
CHB-
REFINB
CHC+
CHC-
REFINC
2nd-Order
DS Modulator
CHD+
CHD-
REFIND
2nd-Order
DS Modulator
2nd-Order
DS Modulator
2nd-Order
DS Modulator
ADS1204
www.ti.com........................................................................................................................................... SBAS301C – OCTOBER 2003 – REVISED FEBRUARY 2009
Four 1-Bit, 10MHz, 2nd-Order
Delta-Sigma Modulators
2
• 16-Bit Resolution
The ADS1204 is a four-channel, high-performance
device, with four delta-sigma (
ΔΣ) modulators with
• 14-Bit Linearity
100dB dynamic range, operating from a single +5V
• Resolution/Speed Trade-Off: 10-Bit Effective
supply. The differential inputs are ideal for direct
Resolution with 10
µs Signal Delay (12-Bit with
connection
to
transducers
in
an
industrial
19
µs)
environment. With the appropriate digital filter and
• ±2.5V Input Range at 2.5V
modulator rate, the device can be used to achieve
16-bit analog-to-digital (A/D) conversion with no
• Internal Reference Voltage: 2%
missing code. Effective resolution of 12 bits can be
• Gain Error: 0.5%
obtained with a digital filter data rate of 160kHz at a
• Four Independent Delta-Sigma Modulators
modulator rate of 10MHz. The ADS1204 is designed
for use in medium- to high-resolution measurement
• Four Input Reference Buffers
applications including current measurements, smart
• Onboard 20MHz Oscillator
transmitters, industrial process control, weight scales,
• Selectable Internal or External Clock
chromatography, and portable instrumentation. It is
available in a QFN-32 (5×5) package.
• Operating Temperature Range:
–40°C to +105°C
• QFN-32 (5×5) Package
• Motor Control
• Current Measurement
• Industrial Process Control
• Instrumentation
• Smart Transmitters
• Portable Instruments
• Weight Scales
• Pressure Transducers
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - ADS1204

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1204 TI-ADS1204 Datasheet
308Kb / 21P
[Old version datasheet]   FOUR 1-BIT, 10MHZ, 2ND-ORDER, DELTA-SIGMA MODULATORS
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBR TI-ADS1204IRHBR Datasheet
308Kb / 21P
[Old version datasheet]   FOUR 1-BIT, 10MHZ, 2ND-ORDER, DELTA-SIGMA MODULATORS
ADS1204IRHBR TI1-ADS1204IRHBR Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBRG4 TI1-ADS1204IRHBRG4 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results

Podobny opis - ADS1204

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204 Datasheet
308Kb / 21P
[Old version datasheet]   FOUR 1-BIT, 10MHZ, 2ND-ORDER, DELTA-SIGMA MODULATORS
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com