Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1204IRHBR Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1204IRHBR
Szczegółowy opis  Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1204IRHBR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS1204IRHBR Datasheet HTML 2Page - Texas Instruments ADS1204IRHBR Datasheet HTML 3Page - Texas Instruments ADS1204IRHBR Datasheet HTML 4Page - Texas Instruments ADS1204IRHBR Datasheet HTML 5Page - Texas Instruments ADS1204IRHBR Datasheet HTML 6Page - Texas Instruments ADS1204IRHBR Datasheet HTML 7Page - Texas Instruments ADS1204IRHBR Datasheet HTML 8Page - Texas Instruments ADS1204IRHBR Datasheet HTML 9Page - Texas Instruments ADS1204IRHBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
PIN ASSIGNMENTS
CHA+
CHA-
CHB+
CHB-
CHC-
CHC+
CHD-
CHD+
OUTA
OUTB
OUTC
OUTD
CLKOUT
BGND
BV
DD
CLKIN
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
ADS1204
ADS1204
SBAS301C – OCTOBER 2003 – REVISED FEBRUARY 2009........................................................................................................................................... www.ti.com
RHB PACKAGE(1)
QFN-32
(TOP VIEW)
(1) The thermal pad is internally connected to the substrate. This pad can be connected to the analog ground or left floating. Keep the
thermal pad separate from the digital ground, if possible.
TERMINAL FUNCTIONS
TERMINAL
NAME
NO.
I/O(1)
DESCRIPTION
CH A+
1
AI
Analog input of channel A: noninverting input
CH A–
2
AI
Analog input of channel A: inverting input
CH B+
3
AI
Analog input of channel B: noninverting input
CH B–
4
AI
Analog input of channel B: inverting input
CH C–
5
AI
Analog input of channel C: inverting input
CH C+
6
AI
Analog input of channel C: noninverting input
CH D–
7
AI
Analog input of channel D: inverting input
CH D+
8
AI
Analog input of channel D: noninverting input
REFIN D
9
AI
Reference voltage input of channel D: pin for external reference voltage
REFIN C
10
AI
Reference voltage input of channel C: pin for external reference voltage
AGND
11
Analog ground
AVDD
12
P
Analog power supply; nominal 5V
NC
13
No connection; this pin is left unconnected
AVDD
14
P
Analog power supply; nominal 5V
AGND
15
Analog ground
CLKSEL
16
I
Clock select between internal clock (CLKSEL = 1) or external clock (CLKSEL = 0)
CLKIN
17
I
External clock input
BVDD
18
P
Digital interface power supply; from 2.7V to 5.5V
BGND
19
Interface ground
CLKOUT
20
O
System clock output
(1)
AI = Analog Input; AO = Analog Output; I = Input; O = Output; P = Power Supply.
6
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1204


Podobny numer części - ADS1204IRHBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1204IRHBR TI-ADS1204IRHBR Datasheet
308Kb / 21P
[Old version datasheet]   FOUR 1-BIT, 10MHZ, 2ND-ORDER, DELTA-SIGMA MODULATORS
ADS1204IRHBR TI1-ADS1204IRHBR Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204IRHBRG4 TI1-ADS1204IRHBRG4 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results

Podobny opis - ADS1204IRHBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204 Datasheet
308Kb / 21P
[Old version datasheet]   FOUR 1-BIT, 10MHZ, 2ND-ORDER, DELTA-SIGMA MODULATORS
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com