Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1110 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części ADS1110
Szczegółowy opis  16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1110 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS1110_14 Datasheet HTML 2Page - Texas Instruments ADS1110_14 Datasheet HTML 3Page - Texas Instruments ADS1110_14 Datasheet HTML 4Page - Texas Instruments ADS1110_14 Datasheet HTML 5Page - Texas Instruments ADS1110_14 Datasheet HTML 6Page - Texas Instruments ADS1110_14 Datasheet HTML 7Page - Texas Instruments ADS1110_14 Datasheet HTML 8Page - Texas Instruments ADS1110_14 Datasheet HTML 9Page - Texas Instruments ADS1110_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADS1110
SBAS276A − MARCH 2003 − REVISED NOVEMBER 2003
www.ti.com
6
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C and VDD = 5V, unless otherwise noted.
THEORY OF OPERATION
The ADS1110 is a fully differential, 16-bit, self-calibrating,
delta-sigma A/D converter. Extremely easy to design with
and configure, the ADS1110 allows precise measure-
ments to be obtained with a minimum of effort.
The ADS1110 consists of a delta-sigma A/D converter
core with adjustable gain, a 2.048V reference, a clock os-
cillator, and an I2C interface. Each of these blocks are de-
scribed in detail in the sections that follow.
ANALOG-TO-DIGITAL CONVERTER
The ADS1110 A/D converter core consists of a differential
switched-capacitor delta-sigma modulator followed by a
digital filter. The modulator measures the voltage differ-
ence between the positive and negative analog inputs and
compares it to a reference voltage, which, in the ADS1110,
is 2.048V. The digital filter receives a high-speed bitstream
from the modulator and outputs a code, which is a number
proportional to the input voltage.
VOLTAGE REFERENCE
The ADS1110 contains an onboard 2.048V voltage refer-
ence. This reference is always used as the A/D converter’s
voltage reference; an external reference cannot be con-
nected. The ADS1110’s voltage reference is internal only,
and cannot be measured directly or used by external cir-
cuitry.
The onboard reference’s specifications are part of the
ADS1110’s overall gain and drift specifications. The con-
verter’s drift and gain error specifications reflect the perfor-
mance of the onboard reference as well as the perfor-
mance of the A/D converter core. There are no separate
specifications for the onboard reference itself.
OUTPUT CODE CALCULATION
The output code is a scalar value that is, except for clip-
ping, proportional to the voltage difference between the
two analog inputs. The output code is confined to a finite
range of numbers; this range depends on the number of
bits needed to represent the code. The number of bits
needed to represent the output code for the ADS1110 de-
pends on the data rate, as shown in Table 1.
DATA RATE
NUMBER OF
BITS
MINIMUM
CODE
MAXIMUM
CODE
15SPS
16
−32,768
32,767
30SPS
15
−16,384
16,383
60SPS
14
−8192
8191
240SPS
12
−2048
2047
Table 1. Minimum and Maximum Codes
For a minimum output code of Min Code, gain setting of
PGA, and positive and negative input voltages of VIN+ and
VIN−, the output code is given by the expression:
Output Code
+ −1
Min Code
PGA
(V
IN
)) * (VIN*)
2.048V
In the previous expression, it is important to note that the
negated minimum output code is used. The ADS1110
outputs codes in binary two’s complement format, so the
absolute values of the minima and maxima are not the
same; the maximum n−bit code is 2n−1 − 1, while the
minimum n−bit code is −1
× 2n−1.


Podobny numer części - ADS1110_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1110A1IDBVR TI-ADS1110A1IDBVR Datasheet
520Kb / 17P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110A1IDBVR TI1-ADS1110A1IDBVR Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1110A1IDBVR TI1-ADS1110A1IDBVR Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110A1IDBVRG4 TI1-ADS1110A1IDBVRG4 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110A1IDBVRG4 TI1-ADS1110A1IDBVRG4 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
More results

Podobny opis - ADS1110_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1110 TI1-ADS1110_13 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_16 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_10 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1110 TI-ADS1110 Datasheet
520Kb / 17P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com