Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1100 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części ADS1100
Szczegółowy opis  Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1100 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS1100_14 Datasheet HTML 1Page - Texas Instruments ADS1100_14 Datasheet HTML 2Page - Texas Instruments ADS1100_14 Datasheet HTML 3Page - Texas Instruments ADS1100_14 Datasheet HTML 4Page - Texas Instruments ADS1100_14 Datasheet HTML 5Page - Texas Instruments ADS1100_14 Datasheet HTML 6Page - Texas Instruments ADS1100_14 Datasheet HTML 7Page - Texas Instruments ADS1100_14 Datasheet HTML 8Page - Texas Instruments ADS1100_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADS1100
4
SBAS239B
www.ti.com
TYPICAL CHARACTERISTICS
At TA = 25°C and VDD = 5V, unless otherwise noted.
120
100
80
60
40
SUPPLY CURRENT vs TEMPERATURE
–60
–40
–20
0
20
40
60
80
100
120
140
Temperature (
°C)
V
DD = 5V
V
DD = 2.7V
SUPPLY CURRENT vs I2C BUS FREQUENCY
250
225
200
175
150
125
100
75
50
10
100
1k
10k
I2C Bus Frequency (kHz)
125
°C
25
°C
–40
°C
2.0
1.0
0.0
–1.0
–2.0
OFFSET ERROR vs TEMPERATURE
–60
–40
–20
0
20
40
60
80
100
120
140
Temperature (
°C)
PGA = 8
PGA = 4
PGA = 2
PGA = 1
V
DD = 5V
2.0
1.0
0.0
–1.0
–2.0
OFFSET ERROR vs TEMPERATURE
–60
–40
–20
0
20
40
60
80
100
120
140
Temperature (
°C)
PGA = 8
PGA = 4
PGA = 2
PGA = 1
V
DD = 2.7V
0.04
0.03
0.02
0.01
0.00
–0.01
–0.02
–0.03
–0.04
GAIN ERROR vs TEMPERATURE
–60
–40
–20
0
20
40
60
80
100
120
140
Temperature (
°C)
PGA = 8
PGA = 4
PGA = 1
PGA = 2
V
DD = 5V
0.010
0.005
0.000
–0.005
–0.010
–0.015
–0.020
GAIN ERROR vs TEMPERATURE
–60
–40
–20
0
20
40
60
80
100
120
140
Temperature (
°C)
PGA = 8
PGA = 4
PGA = 1
PGA = 2
V
DD = 2.7V


Podobny numer części - ADS1100_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1100A1IDBVR BURR-BROWN-ADS1100A1IDBVR Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100A1IDBVR TI1-ADS1100A1IDBVR Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
ADS1100A1IDBVR TI1-ADS1100A1IDBVR Datasheet
880Kb / 23P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100A1IDBVRG4 TI1-ADS1100A1IDBVRG4 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
logo
Burr-Brown (TI)
ADS1100A1IDBVT BURR-BROWN-ADS1100A1IDBVT Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS1100_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100 TI1-ADS1100_15 Datasheet
880Kb / 23P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS850 TI-ADS850 Datasheet
304Kb / 15P
[Old version datasheet]   14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com