Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1000A0IDBVR Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1000A0IDBVR
Szczegółowy opis  LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1000A0IDBVR Arkusz danych(HTML) 2 Page - Texas Instruments

  ADS1000A0IDBVR Datasheet HTML 1Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 2Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 3Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 4Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 5Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 6Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 7Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 8Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.ti.com
PACKAGE/ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
(1)
NOTE:Markingtextdirectionindicatespin1.MarkingtextdependsonI Caddress;seePackageOptionAddendum.
2
BD0
V
IN-
6
V
DD
5
SDA
4
SCL
3
GND
2
V
IN+
1
BD1
V
IN-
6
V
DD
5
SDA
4
SCL
3
GND
2
V
IN+
1
I Caddress:1001000
2
I Caddress:1001001
2
ADS1000
SBAS357A – SEPTEMBER 2006 – REVISED OCTOBER 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
For the most current package and ordering information, see the Package Option Addendum located at the end of
this datasheet or see the TI website at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
ADS1000
UNIT
VDD to GND
–0.3 to +6
V
Input Current (Momentary)
100
mA
Input Current (Continuous)
10
mA
Voltage to GND, VIN+, VIN–
–0.3 to VDD to +0.3
V
Voltage to GND, SDA, SCL
–0.5 to +6
V
Maximum Junction Temperature, TJ
+150
°C
Operating Temperature
–40 to +125
°C
Storage Temperature
–60 to +150
°C
Lead Temperature (soldering, 10s)
+300
°C
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
PIN CONFIGURATIONS
2
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): ADS1000


Podobny numer części - ADS1000A0IDBVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADS1000A0IDBVR AD-ADS1000A0IDBVR Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
ADS1000A0IDBVRG4 AD-ADS1000A0IDBVRG4 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
More results

Podobny opis - ADS1000A0IDBVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
[Old version datasheet]   LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
logo
National Semiconductor ...
DAC121C081 NSC-DAC121C081_08 Datasheet
683Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081 Datasheet
681Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com