Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1000A0IDBVR Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1000A0IDBVR
Szczegółowy opis  LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1000A0IDBVR Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS1000A0IDBVR Datasheet HTML 5Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 6Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 7Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 8Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 9Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 10Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 11Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 12Page - Texas Instruments ADS1000A0IDBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.ti.com
CONFIGURATION REGISTER
READING FROM THE ADS1000
WRITING TO THE ADS1000
ADS1000
SBAS357A – SEPTEMBER 2006 – REVISED OCTOBER 2007
A user controls the ADS1000 operating mode and
Bits 1 - 0: PGA
PGA settings via the 8-bit configuration register. The
Bits 1 and 0 control the ADS1000 gain setting; see
configuration register format is shown in Table 3. The
Table 4.
default setting is 80H.
Table 4. PGA Bits
Table 3. CONFIGURATION REGISTER
7
6
5
4
3
2
1
0
PGA1
PGA0
GAIN
0(1)
0(1)
1(1)
ST/BSY
0
0
SC
0
0
PGA1
PGA0
0
1
2
Bit 7: ST/BSY
1
0
4
1
1
8
The meaning of the ST/BSY bit depends on whether
(1) Default setting.
it is being written to or read from.
In single conversion mode, writing a '1' to the ST/BSY
bit causes a conversion to start, and writing a '0' has
no effect. In continuous conversion mode, the
ADS1000 ignores the value written to ST/BSY.
A user can read the output register and the contents
When read in single conversion mode, ST/BSY
of the configuration register from the ADS1000. To do
indicates whether the A/D converter is busy taking a
this, address the ADS1000 for reading, and read
conversion. If ST/BSY is read as '1', the A/D
three bytes from the device. The first two bytes are
converter is busy, and a conversion is taking place; if
the output register contents; the third byte is the
'0', no conversion is taking place, and the result of the
configuration register contents.
last conversion is available in the output register.
A user does not always have to read three bytes from
In continuous mode, ST/BSY is always read as '1'.
the ADS1000. If only the contents of the output
Bits 6 - 5: Reserved
register are needed, read only two bytes.
Bits 6 and 5 must be set to zero.
Reading more than three bytes from the ADS1000
has no effect. All of the bytes beginning with the
Bit 4: SC
fourth byte will be FFh. See Figure 7 for a timing
SC controls whether the ADS1000 is in continuous
diagram of an ADS1000 read operation.
conversion or single conversion mode. When SC is
'1', the ADS1000 is in single conversion mode; when
SC is '0', the ADS1000 is in continuous conversion
A user can write new contents into the configuration
mode. The default setting is '0'.
register (the contents of the output register cannot
Bits 3 - 2: Reserved
change). To do this, address the ADS1000 for writing,
and write one byte to it. This byte is written into the
Bits 3 and 2 must be set to zero.
configuration register.
Writing more than one byte to the ADS1000 has no
effect. The ADS1000 ignores any bytes sent to it after
the first one, and will only acknowledge the first byte.
See Figure 8 for a timing diagram of an ADS1000
write operation.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS1000


Podobny numer części - ADS1000A0IDBVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADS1000A0IDBVR AD-ADS1000A0IDBVR Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
ADS1000A0IDBVRG4 AD-ADS1000A0IDBVRG4 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
More results

Podobny opis - ADS1000A0IDBVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
[Old version datasheet]   LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
DAC7573 TI-DAC7573 Datasheet
766Kb / 30P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574IDGSR TI-DAC7574IDGSR Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
logo
National Semiconductor ...
DAC121C081 NSC-DAC121C081_08 Datasheet
683Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081 Datasheet
681Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com