Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1110A7IDBVT Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1110A7IDBVT
Szczegółowy opis  16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1110A7IDBVT Arkusz danych(HTML) 3 Page - Texas Instruments

  ADS1110A7IDBVT Datasheet HTML 1Page - Texas Instruments ADS1110A7IDBVT Datasheet HTML 2Page - Texas Instruments ADS1110A7IDBVT Datasheet HTML 3Page - Texas Instruments ADS1110A7IDBVT Datasheet HTML 4Page - Texas Instruments ADS1110A7IDBVT Datasheet HTML 5Page - Texas Instruments ADS1110A7IDBVT Datasheet HTML 6Page - Texas Instruments ADS1110A7IDBVT Datasheet HTML 7Page - Texas Instruments ADS1110A7IDBVT Datasheet HTML 8Page - Texas Instruments ADS1110A7IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADS1110
SBAS276A − MARCH 2003 − REVISED NOVEMBER 2003
www.ti.com
3
ELECTRICAL CHARACTERISTICS
All specifications at −40
°C to +85°C, VDD = 5V, and all PGAs, unless otherwise noted.
ADS1110
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-Scale Input Voltage
(VIN+) − (VIN−)
±2.048/PGA
V
Analog Input Voltage
VIN+ to GND or VIN− to GND
GND − 0.2
VDD + 0.2
V
Differential Input Impedance
2.8/PGA
M
Common-Mode Input Impedance
PGA = 1
3.5
M
PGA = 2
3.5
M
PGA = 4
1.8
M
PGA = 8
0.9
M
SYSTEM PERFORMANCE
Resolution and No Missing Codes
DR = 00
12
12
Bits
Resolution and No Missing Codes
DR = 01
14
14
Bits
DR = 10
15
15
Bits
DR = 11
16
16
Bits
Data Rate
DR = 00
180
240
308
SPS
Data Rate
DR = 01
45
60
77
SPS
DR = 10
22
30
39
SPS
DR = 11
11
15
20
SPS
Output Noise
See Typical Characteristic Curves
Integral Nonlinearity
DR = 11, PGA = 1, End Point Fit(1)
±0.004
±0.010
% of FSR(2)
Offset Error
PGA = 1
1.2
8
mV
Offset Error
PGA = 2
0.7
4
mV
PGA = 4
0.5
2.5
mV
PGA = 8
0.4
1.5
mV
Offset Drift
PGA = 1
1.2
µV/°C
Offset Drift
PGA = 2
0.6
µV/°C
PGA = 4
0.3
µV/°C
PGA = 8
0.3
µV/°C
Offset vs VDD
PGA = 1
800
µV/V
Offset vs VDD
PGA = 2
400
µV/V
PGA = 4
200
µV/V
PGA = 8
150
µV/V
Gain Error(3)
0.05
0.40
%
PGA Gain Error Match(3)
Match Between Any Two PGA Gains
0.02
0.10
%
Gain Error Drift(3)
5
40
ppm/
°C
Gain vs VDD
80
ppm/V
Common-Mode Rejection
At DC and PGA = 8
95
105
dB
Common-Mode Rejection
At DC and PGA = 1
100
dB
DIGITAL INPUT/OUTPUT
Logic Level
VIH
0.7
• VDD
6
V
VIL
GND − 0.5
0.3
• VDD
V
VOL
IOL = 3mA
GND
0.4
V
Input Leakage
IH
VIH = 5.5V
10
µA
IL
VIL = GND
−10
µA
POWER-SUPPLY REQUIREMENTS
Power-Supply Voltage
VDD
2.7
5.5
V
Supply Current
Power Down
0.05
2
µA
Supply Current
Active Mode
240
350
µA
Power Dissipation
VDD = 5.0V
1.2
1.75
mW
Power Dissipation
VDD = 3.0V
0.675
mW
(1) 99% of full-scale.
(2) FSR = full-scale range = 2 × 2.048V/PGA = 4.096V/PGA.
(3) Includes all errors from onboard PGA and reference.


Podobny numer części - ADS1110A7IDBVT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1110A7IDBVT TI-ADS1110A7IDBVT Datasheet
520Kb / 17P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110A7IDBVT TI1-ADS1110A7IDBVT Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1110A7IDBVT TI1-ADS1110A7IDBVT Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110A7IDBVTG4 TI1-ADS1110A7IDBVTG4 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
More results

Podobny opis - ADS1110A7IDBVT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1110 TI1-ADS1110_13 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_16 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_10 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1110 TI-ADS1110 Datasheet
520Kb / 17P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com