Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJ-2506 Arkusz danych(PDF) 1 Page - CUI INC

Numer części MJ-2506
Szczegółowy opis  2.5mm AUDIO JACK-MONO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CUI [CUI INC]
Strona internetowa  http://www.cui.com
Logo CUI - CUI INC

MJ-2506 Arkusz danych(HTML) 1 Page - CUI INC

  MJ-2506 Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Website: www.cui.com
THREADED
SCHEMATIC
MODEL NO.
3
2
M4X0.5
1
DIA.
MJ-2506
2.6 0.102
4.7 0.185
3.4 0.134
7.0 0.276
4.50 0.177
7.0 0.276
3.4 0.134
4.7 0.185
2.6 0.102
2
1
3
2
1
3
0.315
0.15
0.354
0.217
5.50
9.0
0.102
2.600
0.3 (3 PLCS)
0.157
4.0
5.5 0.217
8.0
0.9 0.035
M4X0.5
0.020
0.50
1.30 0.051
(3 PLCS)
0.354
9.0
0.138
3.50
0.85 0.033
(2 PLCS)
Brass
Brass
Tin
Tin
X.XXX ±0.05mm
E
MATERIAL
BUSHING
TERMINAL 1
TERMINAL 2
TERMINAL 3
HOUSING
PLATING
Copper Alloy
X.XX ±0.1mm
X.X ±0.2mm
TOLERANCE:
Tin
Nickel
LIFE: 5,000 CYCLES
SPECIFICATIONS:
RATING: 12V DC @ 1A
CONTACT RESISTANCE: 30m OHMS MAX
INSULATION RESISTANCE: 50M OHMS MIN: 500V DC
VOLTAGE WITHSTAND: 500V AC R.M.S. FOR 1 MINUTE
PBT
REV:
2.5mm AUDIO JACK-MONO
COPYRIGHT 2011 BY CUI INC.
TITLE:
MM [INCHES]
SCALE:
MJ-2506
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
ZRJ
3:1
MJ-2506
Brass
PCB LAYOUT
TOP VIEW
1.00X2.00
(3 PLCS)
REV.
DESCRIPTION
DATE
C
Added dimensions
4/27/2007
D
dimension updated
1/7/2010
E
updates to model appearance
4/26/2011


Podobny numer części - MJ-2506

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CUI INC
MJ-2506N CUI-MJ-2506N Datasheet
22Kb / 1P
   2.5mm AUDIO JACK-MONO
logo
CUI Devices
MJ-2506N CUID-MJ-2506N Datasheet
299Kb / 3P
   AUDIO JACK
07/26/2023
More results

Podobny opis - MJ-2506

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MJ-2505 ETC1-MJ-2505 Datasheet
43Kb / 1P
   2.5mm AUDIO JACK-MONO
logo
CUI INC
MJ-2505 CUI-MJ-2505 Datasheet
25Kb / 1P
   2.5mm AUDIO JACK - MONO
MJ1-2502 CUI-MJ1-2502 Datasheet
44Kb / 2P
   2.5mm AUDIO JACK-MONO
MJ-2502 CUI-MJ-2502 Datasheet
32Kb / 1P
   2.5mm AUDIO JACK-MONO
MJ-2507 CUI-MJ-2507 Datasheet
65Kb / 1P
   2.5mm AUDIO JACK-MONO
MJ-2508 CUI-MJ-2508 Datasheet
81Kb / 1P
   2.5mm AUDIO JACK-MONO
MJ-2506N CUI-MJ-2506N Datasheet
22Kb / 1P
   2.5mm AUDIO JACK-MONO
MJ-2508N CUI-MJ-2508N Datasheet
80Kb / 1P
   2.5mm AUDIO JACK-MONO
MJ1-2510-SMT CUI-MJ1-2510-SMT Datasheet
88Kb / 1P
   2.5mm SMT AUDIO JACK-MONO
MJ-2523-SMT CUI-MJ-2523-SMT Datasheet
287Kb / 1P
   2.5mm SURFACE MOUNT AUDIO JACK-MONO
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com