Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A3159-EP Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części TS5A3159-EP
Szczegółowy opis  1-W SPDT ANALOG SWITCH
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3159-EP Arkusz danych(HTML) 2 Page - Texas Instruments

  TS5A3159-EP Datasheet HTML 1Page - Texas Instruments TS5A3159-EP Datasheet HTML 2Page - Texas Instruments TS5A3159-EP Datasheet HTML 3Page - Texas Instruments TS5A3159-EP Datasheet HTML 4Page - Texas Instruments TS5A3159-EP Datasheet HTML 5Page - Texas Instruments TS5A3159-EP Datasheet HTML 6Page - Texas Instruments TS5A3159-EP Datasheet HTML 7Page - Texas Instruments TS5A3159-EP Datasheet HTML 8Page - Texas Instruments TS5A3159-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
TS5A3159-EP
1-
Ω SPDT ANALOG SWITCH
SCDS217B – DECEMBER 2005 – REVISED JANUARY 2006
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55
°C to 125°C
SOT (SOT-23) – DBV
Tape and reel
TS5A3159MDBVREP
JA8R
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
NC TO COM,
NO TO COM,
IN
COM TO NC
COM TO NO
L
ON
OFF
H
OFF
ON
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(2)
–0.5
6.5
V
VNO
Analog voltage range(2)(3)(4)
–0.5
V+ + 0.5
V
VCOM
II/OK
Analog port diode current
VNO, VCOM < 0 or VNO, VCOM > V+
±50
mA
INO
On-state switch current
VNO, VCOM = 0 to V+
±200
mA
ICOM
On-state peak switch current(5)
±400
mA
VIN
Digital input voltage range(2)(3)
–0.5
6.5
V
IIK
Digital input clamp current
VIN < 0
–50
mA
Continuous current through V+ or GND
±100
mA
θ
JA
Package thermal impedance(6)
165
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "Electrical Characteristics" is
not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
This value is limited to 5.5 V maximum.
(5)
Pulse at 1-ms duration < 10% duty cycle.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback


Podobny numer części - TS5A3159-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP_15 Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
More results

Podobny opis - TS5A3159-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3159-EP TI-TS5A3159-EP_15 Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
logo
Global Mixed-mode Techn...
G3202 GMT-G3202 Datasheet
294Kb / 3P
   1 SPDT Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
   1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159 TI1-TS5A3159_14 Datasheet
712Kb / 28P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   DUAL 15-W SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com