Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A3159-EP Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TS5A3159-EP
Szczegółowy opis  1-W SPDT ANALOG SWITCH
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3159-EP Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TS5A3159-EP Datasheet HTML 3Page - Texas Instruments TS5A3159-EP Datasheet HTML 4Page - Texas Instruments TS5A3159-EP Datasheet HTML 5Page - Texas Instruments TS5A3159-EP Datasheet HTML 6Page - Texas Instruments TS5A3159-EP Datasheet HTML 7Page - Texas Instruments TS5A3159-EP Datasheet HTML 8Page - Texas Instruments TS5A3159-EP Datasheet HTML 9Page - Texas Instruments TS5A3159-EP Datasheet HTML 10Page - Texas Instruments TS5A3159-EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
www.ti.com
Electrical Characteristics for 2.5-V Supply
TS5A3159-EP
1-
Ω SPDT ANALOG SWITCH
SCDS217B – DECEMBER 2005 – REVISED JANUARY 2006
V
+ = 2.3 V to 2.7 V (2.5 V nominal), TA = –55°C to 125°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN TYP(1)
MAX
UNIT
Analog Switch
Analog signal
VCOM,
0
V+
V
range
VNC, VNO
25
°C
1.7
2.7
Peak ON
0
≤ V
NO or VNC ≤ V+,
Switch ON,
rpeak
2.5 V
resistance
ICOM = –8 mA,
See Figure 11
Full
2.9
25
°C
1.45
2.3
ON-state
VNO or VNC = 1.8 V,
Switch ON,
ron
2.5 V
resistance
ICOM = –8 mA,
See Figure 11
Full
2.5
ON-state
resistance
VNO or VNC = 0.8 V, 1.8 V,
Switch ON,
match
∆r
on
25
°C
2.5 V
0.7
ICOM = –8 mA,
See Figure 11
between
channels
0
≤ V
NO or VNC ≤ V+,
0.5
ON-state
ICOM = –8 mA
Switch ON,
resistance
ron(flat)
25
°C
2.5 V
See Figure 11
VNO or VNC = 0.8 V, 1.8 V,
flatness
0.45
ICOM = –8 mA
NC, NO
INC(OFF),
VNC or VNO = 2.3 V,
Switch OFF,
OFF leakage
25
°C
2.7 V
0.2
nA
INO(OFF)
VCOM = 0,
See Figure 12
current
NC, NO
INC(ON),
VNC or VNO = 2.3 V,
Switch ON,
ON leakage
25
°C
2.7 V
2.8
nA
INO(ON)
VCOM = Open,
See Figure 13
current
COM
VNC or VNO = 2.3 V or Open, Switch ON,
ON leakage
ICOM(ON)
25
°C
2.7 V
0.47
nA
VCOM = 2.3 V,
See Figure 13
current
Digital Control Input (IN)
Input logic high
VIH
Full
1.8
5.5
V
Input logic low
VIL
Full
0
0.6
V
Input leakage
IIH, IIL
VI = 5.5 V or 0
Full
2.7 V
–1
1
µA
current
(1)
TA = 25°C
7
Submit Documentation Feedback


Podobny numer części - TS5A3159-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP_15 Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
More results

Podobny opis - TS5A3159-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3159-EP TI-TS5A3159-EP_15 Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
logo
Global Mixed-mode Techn...
G3202 GMT-G3202 Datasheet
294Kb / 3P
   1 SPDT Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
   1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159 TI1-TS5A3159_14 Datasheet
712Kb / 28P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   DUAL 15-W SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com