Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM72375MMNOPB Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części SM72375MMNOPB
Szczegółowy opis  SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SM72375MMNOPB Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button SM72375MMNOPB Datasheet HTML 4Page - Texas Instruments SM72375MMNOPB Datasheet HTML 5Page - Texas Instruments SM72375MMNOPB Datasheet HTML 6Page - Texas Instruments SM72375MMNOPB Datasheet HTML 7Page - Texas Instruments SM72375MMNOPB Datasheet HTML 8Page - Texas Instruments SM72375MMNOPB Datasheet HTML 9Page - Texas Instruments SM72375MMNOPB Datasheet HTML 10Page - Texas Instruments SM72375MMNOPB Datasheet HTML 11Page - Texas Instruments SM72375MMNOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2
4
6
8
10 11
13
15
OUTPUT VOLTAGE (V)
0.0001
0.001
0.01
0.1
0
10
100
12
14
9
7
5
3
125°C
85°C
25°C
-40°C (estimated)
VS = 2.7V
0
1
2
3
4
5
6
7
8
9
10
0
100
200
300
400
500
600
700
OUTPUT CURRENT (mA)
VS = 15V
125°C
85°C
25°C
-40°C
2
3
4
5
6
7
8
9
10 11 12
0
20
40
60
80
100
120
140
SUPPLY VOLTAGE (V)
-40°C
25°C
85°C
125°C
SM72375
SNIS155D – NOVEMBER 2010 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
V
+ = 5V, Single Supply, T
A = 25°C unless otherwise specified
Output Voltage
Output Short Circuit Current
vs.
vs.
Output Current (Sinking)
Supply
Figure 20.
Figure 21.
Output Leakage
vs.
Output Voltage
Figure 22.
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: SM72375


Podobny numer części - SM72375MMNOPB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM72375MM TI1-SM72375MM Datasheet
1Mb / 14P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375MM/NOPB TI1-SM72375MM/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375MME TI1-SM72375MME Datasheet
1Mb / 14P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375MME/NOPB TI1-SM72375MME/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375MMX TI1-SM72375MMX Datasheet
1Mb / 14P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
More results

Podobny opis - SM72375MMNOPB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM72375 TI-SM72375_15 Datasheet
1Mb / 19P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375 Datasheet
1Mb / 14P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375_16 Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
National Semiconductor ...
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com