Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8887IDRCT Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8887IDRCT
Szczegółowy opis  18-Bit, 100-kSPS, Serial Interface, microPower, Miniature True-Differential Input, SAR Analog-to-Digital Converter
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8887IDRCT Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS8887IDRCT Datasheet HTML 7Page - Texas Instruments ADS8887IDRCT Datasheet HTML 8Page - Texas Instruments ADS8887IDRCT Datasheet HTML 9Page - Texas Instruments ADS8887IDRCT Datasheet HTML 10Page - Texas Instruments ADS8887IDRCT Datasheet HTML 11Page - Texas Instruments ADS8887IDRCT Datasheet HTML 12Page - Texas Instruments ADS8887IDRCT Datasheet HTML 13Page - Texas Instruments ADS8887IDRCT Datasheet HTML 14Page - Texas Instruments ADS8887IDRCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
±200
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
0
10
20
30
40
50
Input Frequency (kHz)
C001
AVDD = 3 V
REF = 2.5 V
T
A = 25ƒC
f
IN = 1 kHz
SNR = 95.4 dB
THD =
±119 dB
±200
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
0
10
20
30
40
50
Input Frequency (kHz)
C002
AVDD = 3 V
REF = 5 V
T
A = 25ƒC
f
IN = 1 kHz
SNR = 100 dB
THD =
±115 dB
0
10
20
30
40
10
12
14
16
18
20
ADC Output Code
C00
AVDD = 3 V
REF = 2.5 V
T
A = 25
oC
0
10
20
30
40
50
60
4
6
8
10
ADC Output Code
C01
AVDD = 3 V
REF = 5 V
T
A = 25
oC
-3
-2
-1
0
1
2
3
2.5
3
3.5
4
4.5
5
Reference Voltage (V)
C00
AVDD = 3 V
T
A = 25
oC
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Reference Voltage (V)
C00
AVDD = 3 V
T
A = 25
oC
ADS8887
www.ti.com
SBAS613A – MAY 2013 – REVISED DECEMBER 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = 3 V, DVDD = 3 V, VREF = 5 V, and fSAMPLE = 100 kSPS, unless otherwise noted.
Figure 12. INL vs REFERENCE VOLTAGE
Figure 13. DNL vs REFERENCE VOLTAGE
Figure 14. DC INPUT HISTOGRAM (VREF = 2.5 V)
Figure 15. DC INPUT HISTOGRAM (VREF = 5 V)
Figure 16. TYPICAL FFT (VREF = 2.5 V)
Figure 17. TYPICAL FFT (VREF = 5 V)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS8887


Podobny numer części - ADS8887IDRCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8887IDRCT TI-ADS8887IDRCT Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results

Podobny opis - ADS8887IDRCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8887IDRCT TI-ADS8887IDRCT Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8883 TI1-ADS8883_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8885 TI1-ADS8885_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C_15 Datasheet
1Mb / 57P
[Old version datasheet]   Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881 TI-ADS8881 Datasheet
893Kb / 44P
[Old version datasheet]   18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C Datasheet
1Mb / 57P
[Old version datasheet]   ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8861IDGS TI1-ADS8861IDGS Datasheet
1Mb / 48P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature True-Differential Input SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com