Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8885IDRCT Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8885IDRCT
Szczegółowy opis  18-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8885IDRCT Arkusz danych(HTML) 2 Page - Texas Instruments

  ADS8885IDRCT Datasheet HTML 1Page - Texas Instruments ADS8885IDRCT Datasheet HTML 2Page - Texas Instruments ADS8885IDRCT Datasheet HTML 3Page - Texas Instruments ADS8885IDRCT Datasheet HTML 4Page - Texas Instruments ADS8885IDRCT Datasheet HTML 5Page - Texas Instruments ADS8885IDRCT Datasheet HTML 6Page - Texas Instruments ADS8885IDRCT Datasheet HTML 7Page - Texas Instruments ADS8885IDRCT Datasheet HTML 8Page - Texas Instruments ADS8885IDRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
ADS8885
SBAS568A – MAY 2013 – REVISED DECEMBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
FAMILY INFORMATION(1)
THROUGHPUT
18-BIT, TRUE-DIFFERENTIAL
16-BIT, SINGLE-ENDED
16-BIT, TRUE-DIFFERENTIAL
100 kSPS
ADS8887
ADS8866
ADS8867
250 kSPS
400 kSPS
ADS8885
ADS8864
ADS8865
500 kSPS
ADS8319(2)
ADS8318(2)
680 kSPS
ADS8883
ADS8862
ADS8863
1 MSPS
ADS8881
ADS8860
ADS8861
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Pin-to-pin compatible device with AVDD = 5 V.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
MIN
MAX
UNIT
AINP to GND or AINN to GND
–0.3
REF + 0.3
V
AVDD to GND or DVDD to GND
–0.3
4
V
REF to GND
–0.3
5.7
V
Digital input voltage to GND
–0.3
DVDD + 0.3
V
Digital output to GND
–0.3
DVDD + 0.3
V
Operating temperature range, TA
–40
+85
°C
Storage temperature range, Tstg
–65
+150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under electrical characteristics is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
ADS8885
THERMAL METRIC(1)
DGS
DRC
UNITS
10 PINS
10 PINS
θJA
Junction-to-ambient thermal resistance
151.9
111.1
θJCtop
Junction-to-case (top) thermal resistance
45.4
46.4
θJB
Junction-to-board thermal resistance
72.2
45.9
°C/W
ψJT
Junction-to-top characterization parameter
3.3
3.5
ψJB
Junction-to-board characterization parameter
70.9
45.5
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS8885


Podobny numer części - ADS8885IDRCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8885 TI-ADS8885 Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results

Podobny opis - ADS8885IDRCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8887 TI1-ADS8887_14 Datasheet
1Mb / 45P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature True-Differential Input, SAR Analog-to-Digital Converter
ADS8887IDRCT TI-ADS8887IDRCT Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8883 TI1-ADS8883_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C_15 Datasheet
1Mb / 57P
[Old version datasheet]   Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881 TI-ADS8881 Datasheet
893Kb / 44P
[Old version datasheet]   18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C Datasheet
1Mb / 57P
[Old version datasheet]   ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com