Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8555SPM Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8555SPM
Szczegółowy opis  16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8555SPM Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS8555SPM Datasheet HTML 1Page - Texas Instruments ADS8555SPM Datasheet HTML 2Page - Texas Instruments ADS8555SPM Datasheet HTML 3Page - Texas Instruments ADS8555SPM Datasheet HTML 4Page - Texas Instruments ADS8555SPM Datasheet HTML 5Page - Texas Instruments ADS8555SPM Datasheet HTML 6Page - Texas Instruments ADS8555SPM Datasheet HTML 7Page - Texas Instruments ADS8555SPM Datasheet HTML 8Page - Texas Instruments ADS8555SPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
ADS8555
www.ti.com
SBAS531B
– DECEMBER 2010 – REVISED FEBRUARY 2011
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating free-air temperature range of
–40°C to +125°C, AVDD = 4.5V to 5.5V, BVDD = 2.7V to 5.5V,
HVDD = 10V to 15V, HVSS =
–15V to –10V, VREF = 2.5V (internal), and fDATA = maximum, unless otherwise noted.
ADS8555
PARAMETER
CONDITIONS
MIN
TYP(1)
MAX
UNIT
DIGITAL OUTPUTS(5)
Logic family
CMOS
High-level output voltage
IOH = 100μA
BVDD
– 0.6
BVDD
V
Low-level output voltage
IOH = –100μA
BGND
BGND + 0.4
V
High-impedance-state output current
–50
50
nA
Output capacitance
5
pF
Load capacitance
30
pF
POWER-SUPPLY REQUIREMENTS
Analog supply voltage
AVDD
4.5
5.0
5.5
V
Buffer I/O supply voltage
BVDD
2.7
3.0
5.5
V
Input positive supply voltage
HVDD
5.0
10.0
16.5
V
Input negative supply voltage
HVSS
–16.5
–10.0
–5.0
V
fDATA = maximum
30.0
36.0
mA
fDATA = 250kSPS (auto-NAP mode)
14.0
16.5
mA
Analog supply current(6)
IAVDD Auto-NAP mode, no ongoing conversion,
4.0
6.0
mA
internal conversion clock
Power-down mode
0.1
50.0
μA
fDATA = maximum
0.9
2.0
mA
fDATA = 250kSPS (auto-NAP mode)
0.5
1.5
mA
Buffer I/O supply current(7)
IBVDD Auto-NAP mode, no ongoing conversion,
0.1
10.0
μA
internal conversion clock
Power-down mode
0.1
10.0
μA
fDATA = maximum
3.0
3.5
mA
fDATA = 250kSPS (auto-NAP mode)
1.6
2.0
mA
Input positive supply current(8)
IHVDD Auto-NAP mode, no ongoing conversion,
0.2
0.3
μA
internal conversion clock
Power-down mode
0.1
10.0
μA
fDATA = maximum
3.6
4.0
mA
fDATA = 250kSPS (auto-NAP mode)
1.8
2.2
mA
Input negative supply current(9)
IHVSS Auto-NAP mode, no ongoing conversion,
0.2
0.25
μA
internal conversion clock
Power-down mode
0.1
10.0
μA
fDATA = maximum
251.7
298.5
mW
fDATA = 250kSPS (auto-NAP mode)
122.5
150.0
mW
Power dissipation(10)
Auto-NAP mode, no ongoing conversion,
26.0
38.3
mW
internal conversion clock
Power-down mode
3.8
580.0
μW
(5)
Specified by design.
(6)
At AVDD = 5V.
(7)
At BVDD = 3V, parallel mode, load capacitance = 6pF/pin.
(8)
At HVDD = 15V.
(9)
At HVSS =
–15V.
(10) At AVDD = 5V, BVDD = 3V, HVDD = 15V, and HVSS =
–15V.
© 2010–2011, Texas Instruments Incorporated
5
Product Folder Link(s): ADS8555


Podobny numer części - ADS8555SPM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8555SPM TI1-ADS8555SPM Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555SPM TI1-ADS8555SPM Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555SPMR TI1-ADS8555SPMR Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555SPMR TI1-ADS8555SPMR Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS8555SPM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
[Old version datasheet]   16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8353-Q1 TI1-ADS8353-Q1 Datasheet
561Kb / 41P
[Old version datasheet]   Dual, High-Speed, 16-Bit, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8355 TI1-ADS8355 Datasheet
833Kb / 39P
[Old version datasheet]   Dual, 16-Bit, 1-MSPS, Simultaneous-Sampling, Analog-to-Digital Converter
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com