Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8326IBDGKT Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8326IBDGKT
Szczegółowy opis  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8326IBDGKT Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS8326IBDGKT Datasheet HTML 1Page - Texas Instruments ADS8326IBDGKT Datasheet HTML 2Page - Texas Instruments ADS8326IBDGKT Datasheet HTML 3Page - Texas Instruments ADS8326IBDGKT Datasheet HTML 4Page - Texas Instruments ADS8326IBDGKT Datasheet HTML 5Page - Texas Instruments ADS8326IBDGKT Datasheet HTML 6Page - Texas Instruments ADS8326IBDGKT Datasheet HTML 7Page - Texas Instruments ADS8326IBDGKT Datasheet HTML 8Page - Texas Instruments ADS8326IBDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
ADS8326
SBAS343C – MAY 2007 – REVISED SEPTEMBER 2009.................................................................................................................................................. www.ti.com
ELECTRICAL CHARACTERISTICS: VDD = +5V (continued)
At –40°C to +85°C, VREF = +5V, –IN = GND, fSAMPLE = 250kHz, and fDCLOCK = 24 × fSAMPLE, unless otherwise noted.
ADS8326I
ADS8326IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
AC ACCURACY
5VPP sinewave at 2kHz
–98
–99
dB
Total harmonic distortion
THD
5VPP sinewave at 10kHz
–90
–91
dB
5VPP sinewave at 2kHz
102
103
dB
Spurious-free dynamic
SFDR
range
5VPP sinewave at 10kHz
94
95
dB
5VPP sinewave at 2kHz
91
91.5
dB
Signal-to-noise ratio
SNR
5VPP sinewave at 10kHz
91
91.5
dB
5VPP sinewave at 2kHz
90
91
dB
Signal-to-noise + distortion
SINAD
5VPP sinewave at 10kHz
87.5
88
dB
5VPP sinewave at 2kHz
14.69
14.86
Bits
Effective number of bits
ENOB
5VPP sinewave at 10kHz
14.28
14.35
Bits
VOLTAGE REFERENCE INPUT
Reference voltage
0.1
VDD
0.1
VDD
V
CS = GND, fSAMPLE = 0Hz
5
5
G
Reference input resistance
CS = VDD
5
5
G
Reference input capacitance
24
24
pF
fS = 250kHz
170
220
170
220
μA
fS = 200kHz
140
180
140
180
μA
Reference input current
fS = 100kHz
70
90
70
90
μA
fS = 10kHz
11
14
11
14
μA
CS = VDD
0.1
0.1
μA
DIGITAL INPUTS(1)
Logic family
CMOS
CMOS
High-level input voltage
VIH
0.7 × VDD
VDD + 0.3
0.7 × VDD
VDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.3 × VDD
–0.3
0.3 × VDD
V
Input current
IIN VI = VDD or GND
–50
+50
–50
+50
nA
Input capacitance
CI
5
5
pF
DIGITAL OUTPUTS(1)
Logic family
CMOS
CMOS
High-level output voltage
VOH VDD = 4.5V, IOH = –100μA
4.44
4.44
V
Low-level output voltage
VOL VDD = 4.5V, IOL = 100μA
0.5
0.5
V
High-impedance state
IOZ CS = VDD, VI = VDD or GND
–50
+50
–50
+50
nA
output current
Output capacitance
CO
5
5
pF
Load capacitance
CL
30
30
pF
Straight
Straight
Data format
binary
binary
(1)
Applies for 5.0V nominal supply: VDD (min) = 4.5V and VDD (max) = 5.5V.
4
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8326


Podobny numer części - ADS8326IBDGKT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS8326IBDGKT BURR-BROWN-ADS8326IBDGKT Datasheet
711Kb / 31P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
More results

Podobny opis - ADS8326IBDGKT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326 BURR-BROWN-ADS8326 Datasheet
711Kb / 31P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
logo
Texas Instruments
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com