Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7851 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7851
Szczegółowy opis  ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7851 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS7851 Datasheet HTML 1Page - Texas Instruments ADS7851 Datasheet HTML 2Page - Texas Instruments ADS7851 Datasheet HTML 3Page - Texas Instruments ADS7851 Datasheet HTML 4Page - Texas Instruments ADS7851 Datasheet HTML 5Page - Texas Instruments ADS7851 Datasheet HTML 6Page - Texas Instruments ADS7851 Datasheet HTML 7Page - Texas Instruments ADS7851 Datasheet HTML 8Page - Texas Instruments ADS7851 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
ADS7251, ADS7851
SBAS587A – JANUARY 2014 – REVISED APRIL 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
AVDD to GND
–0.3
+7
V
Supply voltage
DVDD to GND
–0.3
+7
V
AINP_x to REFGND_x
REFGND_x – 0.3
AVDD + 0.3
V
Analog input voltage
AINM_x to REFGND_x
REFGND_x – 0.3
AVDD + 0.3
V
Digital input voltage
CS, SCLK to GND
GND – 0.3
DVDD + 0.3
V
Ground voltage difference
| REFGND_x – GND |
0.3
V
Input current
Any pin except supply pins
±10
mA
Maximum virtual junction temperature, TJ
+150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
+150
°C
Human body model (HBM) ESD stress voltage(2),
±2000
V
JEDEC standard 22, test method A114-C.01
VESD
(1),
all pins
Charged device model (CDM) ESD stress voltage(3),
±500
V
JEDEC standard 22, test method C101
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges in
to the device.
(2)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that ±2000-V HBM
allows safe manufacturing with a standard ESD control process.
(3)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that ±500-V CDM allows safe
manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
AVDD
Analog supply voltage
5
V
DVDD
Digital supply voltage
3.3
V
6.4 Thermal Information
ADS7251,
ADS7851
THERMAL METRIC(1)
UNIT
RTE (WQFN)
16 TERMINALS
RθJA
Junction-to-ambient thermal resistance
33.3
RθJC(top)
Junction-to-case (top) thermal resistance
29.5
RθJB
Junction-to-board thermal resistance
7.3
°C/W
ψJT
Junction-to-top characterization parameter
0.2
ψJB
Junction-to-board characterization parameter
7.4
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: ADS7251 ADS7851


Podobny numer części - ADS7851

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS785 TI1-ADS785 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7850 TI1-ADS7850 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7850IRTER TI1-ADS7850IRTER Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7850IRTET TI1-ADS7850IRTET Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS7852 BURR-BROWN-ADS7852 Datasheet
148Kb / 13P
   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7851

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1207 TI-THS1207 Datasheet
249Kb / 30P
[Old version datasheet]   12 bit 4 ANALOG INPUT 6 MSPS SIMULTANEOUS SAMPLING
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com