Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7863IDBQRG4 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części ADS7863IDBQRG4
Szczegółowy opis  Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7863IDBQRG4 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS7863IDBQRG4 Datasheet HTML 7Page - Texas Instruments ADS7863IDBQRG4 Datasheet HTML 8Page - Texas Instruments ADS7863IDBQRG4 Datasheet HTML 9Page - Texas Instruments ADS7863IDBQRG4 Datasheet HTML 10Page - Texas Instruments ADS7863IDBQRG4 Datasheet HTML 11Page - Texas Instruments ADS7863IDBQRG4 Datasheet HTML 12Page - Texas Instruments ADS7863IDBQRG4 Datasheet HTML 13Page - Texas Instruments ADS7863IDBQRG4 Datasheet HTML 14Page - Texas Instruments ADS7863IDBQRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Frequency(Hz)
0
-20
-40
-140
0
200k
1M
-60
-80
-120
400k
600k
800k
-100
Frequency(kHz)
0
-20
-40
-140
0
100
750
-60
-80
-120
200
300
400
-100
700
600
500
f
(kHz)
IN
74
73
68
20
40
60
200
70
80
100
120
140
160
AV
=2.7V
DD
69
180
AV
=5V
DD
72
71
-40
-25
-10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
73.0
72.5
72.0
71.5
71.0
70.5
70.0
AV
=5V
DD
AV
=2.7V
DD
f
(kHz)
IN
74
73
68
20
40
60
200
70
80
100
120
140
160
AV
=2.7V
DD
69
180
AV
=5V
DD
72
71
-40
-25
-10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
73.0
72.5
72.0
71.5
71.0
70.5
70.0
AV
=5V
DD
AV
=2.7V
DD
ADS7863
www.ti.com
SBAS383E – JUNE 2007 – REVISED JANUARY 2011
TYPICAL CHARACTERISTICS (continued)
Over entire supply voltage range, VREF = 2.5V (internal), fCLK = 32MHz, and tDATA = 2MSPS, unless otherwise noted.
FREQUENCY SPECTRUM
FREQUENCY SPECTRUM
(4096 Point FFT; fIN = 100kHz)
(4096 Point FFT; fIN = 100kHz, fSAMPLE = 1.5MSPS)
Figure 15.
Figure 16.
SIGNAL-TO-NOISE RATIO AND DISTORTION
SIGNAL-TO-RATIO AND DISTORTION
vs INPUT SIGNAL FREQUENCY
vs TEMPERATURE
Figure 17.
Figure 18.
SIGNAL-TO-NOISE RATIO
vs INPUT SIGNAL FREQUENCY
SIGNAL-TO-NOISE RATIO vs TEMPERATURE
Figure 19.
Figure 20.
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS7863


Podobny numer części - ADS7863IDBQRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7863IDBQRG4 TI-ADS7863IDBQRG4 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IDBQRG4 TI1-ADS7863IDBQRG4 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
More results

Podobny opis - ADS7863IDBQRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7863 TI-ADS7863_08 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863A TI1-ADS7863A Datasheet
1Mb / 42P
[Old version datasheet]   Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com