Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7863IRGERG4 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części ADS7863IRGERG4
Szczegółowy opis  Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7863IRGERG4 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS7863IRGERG4 Datasheet HTML 2Page - Texas Instruments ADS7863IRGERG4 Datasheet HTML 3Page - Texas Instruments ADS7863IRGERG4 Datasheet HTML 4Page - Texas Instruments ADS7863IRGERG4 Datasheet HTML 5Page - Texas Instruments ADS7863IRGERG4 Datasheet HTML 6Page - Texas Instruments ADS7863IRGERG4 Datasheet HTML 7Page - Texas Instruments ADS7863IRGERG4 Datasheet HTML 8Page - Texas Instruments ADS7863IRGERG4 Datasheet HTML 9Page - Texas Instruments ADS7863IRGERG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
CHA0
-
REF
IN
REF
OUT
AGND
AV
DD
M1
CHB1+
BGND
BV
DD
SDOA
SDOB
BUSY
1
2
3
4
5
6
18
17
16
15
14
13
ADS7863
BGND
CHB1+
CHB1
-
CHB0+
CHB0
-
CHA1+
CHA1
-
CHA0+
CHA0
-
REF
IN
REF
OUT
AGND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
BV
DD
SDOA
SDOB
BUSY
CLOCK
CS
RD
CONVST
SDI
M0
M1
AV
DD
ADS7863
SBAS383E – JUNE 2007 – REVISED JANUARY 2011
www.ti.com
DEVICE INFORMATION
ADS7863IDBQ
ADS7863IRGE
SSOP-24 (DBQ)
4 x 4 QFN-24 (RGE)
(TOP VIEW)
(TOP VIEW)
PIN DESCRIPTIONS
PIN NUMBER
SSOP
QFN
NAME
DESCRIPTION
1
17
BGND
Buffer I/O ground. Connect to digital ground plane.
2
18
CHB1+
Noninverting analog input channel B1
3
19
CHB1–
Inverting analog input channel B1
4
20
CHB0+
Noninverting analog input channel B0
5
21
CHB0–
Inverting analog input channel B0
6
22
CHA1+
Noninverting analog input channel A1
7
23
CHA1–
Inverting analog input channel A1
8
24
CHA0+
Noninverting analog input channel A0
9
1
CHA0–
Inverting analog input channel A0
10
2
REFIN
Reference voltage input. A ceramic capacitor of 470nF (min) is required at this terminal.
11
3
REFOUT
Reference voltage output. The programmable internal voltage reference output is available on this pin.
12
4
AGND
Analog ground. Connect to analog ground plane.
13
5
AVDD
Analog power supply, 2.7V to 5.5V. Decouple to AGND with a 1mF ceramic capacitor.
14
6
M1
Mode pin 1. Selects between the SDOx digital outputs (see Table 8).
15
7
M0
Mode pin 0. Selects between analog input channels (see Table 8).
Serial data input. This pin allows the additional features of the ADS7863 to be used but can also be used
16
8
SDI
in ADS7861-compatible manner.
Conversion start. The ADC switches from the sample into the hold mode on the rising edge of CONVST,
17
9
CONVST
independent of the status of CLOCK. The conversion itself starts with the next rising edge of CLOCK.
18
10
RD
Read data. Synchronization pulse for the SDOx outputs and SDI input. RD only triggers when CS is low.
19
11
CS
Chip select. When low, the SDOx outputs are active; when high, the SDOx outputs 3-state.
20
12
CLOCK
External clock input
ADC busy indicator. BUSY goes high when the inputs are in hold mode and returns to low after the
21
13
BUSY
conversion has been finished.
22
14
SDOB
Serial data output for converter B. Data are valid on the falling edge of CLOCK.
Serial data output for converter A. When M1 is high, both SDOA and SDOB are active. Data are valid on
23
15
SDOA
the falling edge of CLOCK.
24
16
BVDD
Buffer I/O supply, 2.7V to 5.5V. Decouple to BGND with a 1mF ceramic capacitor.
6
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS7863


Podobny numer części - ADS7863IRGERG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7863IRGERG4 TI-ADS7863IRGERG4 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IRGERG4 TI1-ADS7863IRGERG4 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
More results

Podobny opis - ADS7863IRGERG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7863 TI-ADS7863_08 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863A TI1-ADS7863A Datasheet
1Mb / 42P
[Old version datasheet]   Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com