Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7851IRTET Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7851IRTET
Szczegółowy opis  ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7851IRTET Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS7851IRTET Datasheet HTML 4Page - Texas Instruments ADS7851IRTET Datasheet HTML 5Page - Texas Instruments ADS7851IRTET Datasheet HTML 6Page - Texas Instruments ADS7851IRTET Datasheet HTML 7Page - Texas Instruments ADS7851IRTET Datasheet HTML 8Page - Texas Instruments ADS7851IRTET Datasheet HTML 9Page - Texas Instruments ADS7851IRTET Datasheet HTML 10Page - Texas Instruments ADS7851IRTET Datasheet HTML 11Page - Texas Instruments ADS7851IRTET Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
SCLK
CS
0
0
ChA
D11
ChA
D10
ChA
D9
ChA
D8
ChA
D7
ChA
D6
ChA
D5
ChA
D4
SDO-A
tSU_CSCK
tDV_CSDO
tD_CKDO
tDZ_CSDO
Sample
N
Sample
N + 1
tACQ
tCONV
tTHROUGHPUT
Data From Sample N
ChA
D3
ChA
D2
ChA
D1
ChA
D0
tPH_CS
tPH_CK
tPL_CK
tSCLK
tD_CKCS
0
0
ChB
D11
ChB
D10
ChB
D9
ChB
D8
ChB
D7
ChB
D6
ChB
D5
ChB
D4
SDO-B
ChB
D3
ChB
D2
ChB
D1
ChB
D0
ADS7251, ADS7851
SBAS587A – JANUARY 2014 – REVISED APRIL 2014
www.ti.com
6.8 ADS7251 Timing Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fTHROUGHPUT
Throughput
fCLK = max
2000
kSPS
fCLK
CLOCK frequency
fTHROUGHPUT = max
32
MHz
tCLK
CLOCK period
fTHROUGHPUT = max
31.25
ns
tPH_CK
CLOCK high time
0.45
0.55
tCLK
tPL_CK
CLOCK low time
0.45
0.55
tCLK
tCONV
Conversion time
tSU_CSCK + 12 tCLK
ns
tACQ
Acquisition time
fCLK = max
75
ns
tPH_CS
CS high time
30
ns
tD_CKDO
SCLK rising edge to (next) data valid
15
ns
tDV_CSDO
CS falling to data enable
10
ns
Delay time
tD_CKCS
Last SCLK rising to CS rising
5
ns
tDZ_CSDO
CS rising to DOUT going to 3-state
10
ns
tSU_CSCK
Setup time CS falling to SCLK falling
15
ns
Figure 1 shows the details of the serial interface between the ADS7251 and the digital host controller.
Figure 1. ADS7251 Serial Interface Timing Diagram
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: ADS7251 ADS7851


Podobny numer części - ADS7851IRTET

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS785 TI1-ADS785 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7850 TI1-ADS7850 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7850IRTER TI1-ADS7850IRTER Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7850IRTET TI1-ADS7850IRTET Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS7852 BURR-BROWN-ADS7852 Datasheet
148Kb / 13P
   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7851IRTET

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1207 TI-THS1207 Datasheet
249Kb / 30P
[Old version datasheet]   12 bit 4 ANALOG INPUT 6 MSPS SIMULTANEOUS SAMPLING
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com