Zakładka z wyszukiwarką danych komponentów |
|
ADS1225 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
ADS1225 Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 30 page ORDERING INFORMATION ABSOLUTE MAXIMUM RATINGS (1) ADS1225 ADS1226 SBAS346C – MAY 2006 – REVISED JANUARY 2009 ....................................................................................................................................................... www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet or see the TI web site at www.ti.com. Over operating free-air temperature range, unless otherwise noted. ADS1225, ADS1226 UNIT AVDD to GND –0.3 to +6 V DVDD to GND –0.3 to +6 V 100, momentary mA Input current 10, continuous mA Analog input voltage to GND –0.3 to AVDD +0.3 V Digital input voltage to GND –0.3 to AVDD +0.3 V Maximum junction temperature +150 °C Operating temperature range –55 to +125 °C Storage temperature range –50 to +150 °C (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. 2 Submit Documentation Feedback Copyright © 2006–2009, Texas Instruments Incorporated Product Folder Link(s): ADS1225 ADS1226 |
Podobny numer części - ADS1225 |
|
Podobny opis - ADS1225 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |