Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1226 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1226
Szczegółowy opis  24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1226 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS1226 Datasheet HTML 4Page - Texas Instruments ADS1226 Datasheet HTML 5Page - Texas Instruments ADS1226 Datasheet HTML 6Page - Texas Instruments ADS1226 Datasheet HTML 7Page - Texas Instruments ADS1226 Datasheet HTML 8Page - Texas Instruments ADS1226 Datasheet HTML 9Page - Texas Instruments ADS1226 Datasheet HTML 10Page - Texas Instruments ADS1226 Datasheet HTML 11Page - Texas Instruments ADS1226 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
InputVoltage,V
(V)
IN
-3
-4
-2
-1
0
1
2
3
4
5
-5
15
10
5
0
-5
-10
-15
-
°
10 C
-
°
40 C
+25 C
°
+105 C
°
+85 C
°
+55 C
°
BufferOff
-2.5
3.5
-3.5
InputVoltage,V
(V)
IN
10
8
6
4
2
0
-2
-4
-6
-8
-10
-1.5
-0.5
0.5
1.5
2.5
BufferOn
-
°
40 C
+25 C
°
+105 C
°
+85 C
°
+55 C
°
-
°
10 C
0.002
0.001
0
-0.001
-0.002
Temperature( C)
°
0
-25
25
50
75
125
-50
100
Temperature( C)
°
20
10
0
-10
-20
-30
-40
-25
0
125
-50
25
50
75
100
InputVoltage,V
(V)
IN
5
-5
-4
-3
-2
-1
0
1
2
3
4
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
High-SpeedMode
BufferOff
InputVoltage,V
(V)
IN
-3.5
-2.5
-1.5
-0.5
0.5
1.5
2.5
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
High-SpeedMode
BufferOn
ADS1225
ADS1226
SBAS346C – MAY 2006 – REVISED JANUARY 2009 ....................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +5V, DVDD = +3V, and VREF = +5V, unless otherwise noted.
INTEGRAL NONLINEARITY vs INPUT VOLTAGE
INTEGRAL NONLINEARITY vs INPUT VOLTAGE
Figure 7.
Figure 8.
OFFSET vs TEMPERATURE
GAIN ERROR vs TEMPERATURE
Figure 9.
Figure 10.
NOISE vs INPUT VOLTAGE
NOISE vs INPUT VOLTAGE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1225 ADS1226


Podobny numer części - ADS1226

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1226 TI1-ADS1226 Datasheet
420Kb / 24P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
MAY 2006
ADS1226IRGVR TI1-ADS1226IRGVR Datasheet
420Kb / 24P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
MAY 2006
ADS1226IRGVRG4 TI1-ADS1226IRGVRG4 Datasheet
420Kb / 24P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
MAY 2006
ADS1226IRGVT TI1-ADS1226IRGVT Datasheet
420Kb / 24P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
MAY 2006
ADS1226IRGVTG4 TI1-ADS1226IRGVTG4 Datasheet
420Kb / 24P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
MAY 2006
More results

Podobny opis - ADS1226

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1225 TI1-ADS1225_V01 Datasheet
420Kb / 24P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
MAY 2006
ADS1222 TI1-ADS1222_14 Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
TLC2543-EP TI-TLC2543-EP Datasheet
387Kb / 25P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
logo
Burr-Brown (TI)
ADS1222 BURR-BROWN-ADS1222 Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
ADS1224 BURR-BROWN-ADS1224 Datasheet
265Kb / 23P
   24-Bit Analog-to-Digital Converter with 4-Channel Differential Input Multiplexer
logo
Texas Instruments
TLC1541 TI-TLC1541 Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC1541 TI1-TLC1541_14 Datasheet
734Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com