Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1246IPWR Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1246IPWR
Szczegółowy opis  24-Bit Analog-to-Digital Converters for Temperature Sensors
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1246IPWR Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS1246IPWR Datasheet HTML 5Page - Texas Instruments ADS1246IPWR Datasheet HTML 6Page - Texas Instruments ADS1246IPWR Datasheet HTML 7Page - Texas Instruments ADS1246IPWR Datasheet HTML 8Page - Texas Instruments ADS1246IPWR Datasheet HTML 9Page - Texas Instruments ADS1246IPWR Datasheet HTML 10Page - Texas Instruments ADS1246IPWR Datasheet HTML 11Page - Texas Instruments ADS1246IPWR Datasheet HTML 12Page - Texas Instruments ADS1246IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
DVDD
DGND
CLK
RESET
REFP
REFN
AINP
AINN
SCLK
DIN
DOUT/DRDY
DRDY
CS
START
AVDD
AVSS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADS1246
ADS1246
ADS1247
ADS1248
www.ti.com
SBAS426G
– AUGUST 2008 – REVISED OCTOBER 2011
PW PACKAGE
TSSOP-16
(TOP VIEW)
ADS1246 (TSSOP-16) PIN DESCRIPTIONS
NAME
PIN NO.
FUNCTION
DESCRIPTION
DVDD
1
Digital
Digital power supply
DGND
2
Digital
Digital ground
CLK
3
Digital input
External clock input. Tie this pin to DGND to activate the internal oscillator.
RESET
4
Digital input
Chip reset (active low). Returns all register values to reset values.
REFP
5
Analog input
Positive external reference input
REFN
6
Analog input
Negative external reference input
AINP
7
Analog input
Positive analog input
AINN
8
Analog input
Negative analog input
AVSS
9
Analog
Negative analog power supply
AVDD
10
Analog
Positive analog power supply
START
11
Digital input
Conversion start. See text for description of use.
CS
12
Digital input
Chip select (active low)
DRDY
13
Digital output
Data ready (active low)
Serial data out output, or
DOUT/DRDY
14
Digital output
Data out combined with Data Ready (active low when DRDY function enabled)
DIN
15
Digital input
Serial data input
SCLK
16
Digital input
Serial clock input
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS1246 ADS1247 ADS1248


Podobny numer części - ADS1246IPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1246IPWR TI-ADS1246IPWR Datasheet
1Mb / 60P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246IPWR TI-ADS1246IPWR Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246IPWR TI-ADS1246IPWR Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246IPWR TI-ADS1246IPWR Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
More results

Podobny opis - ADS1246IPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1246_101 TI-ADS1246_101 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_102 TI-ADS1246_102 Datasheet
1Mb / 66P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_10 Datasheet
1Mb / 65P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_13 Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248EVM-PDK TI1-ADS1248EVM-PDK Datasheet
1Mb / 70P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246 Datasheet
1Mb / 60P
[Old version datasheet]   24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_12 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_14 Datasheet
1Mb / 67P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI-ADS1146 Datasheet
561Kb / 50P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_10 Datasheet
781Kb / 54P
[Old version datasheet]   16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com