Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1225IRGVT Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1225IRGVT
Szczegółowy opis  24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1225IRGVT Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS1225IRGVT Datasheet HTML 7Page - Texas Instruments ADS1225IRGVT Datasheet HTML 8Page - Texas Instruments ADS1225IRGVT Datasheet HTML 9Page - Texas Instruments ADS1225IRGVT Datasheet HTML 10Page - Texas Instruments ADS1225IRGVT Datasheet HTML 11Page - Texas Instruments ADS1225IRGVT Datasheet HTML 12Page - Texas Instruments ADS1225IRGVT Datasheet HTML 13Page - Texas Instruments ADS1225IRGVT Datasheet HTML 14Page - Texas Instruments ADS1225IRGVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Analog Input Measurement Without the Input
Zeff =t
/C
A
SAMPLE
A1 =4MW
Zeff =t
/C
B
SAMPLE
B =2MW
Zeff =t
/C
A
SAMPLE
A2 =4MW
AINPx
AINNx
AVDD/2
AVDD/2
GND * 100mV t (AINP, AINN) t VDD ) 100mV
Analog Input Measurement with the Input Buffer
MUX
AVDD
AVDD/2
AVDD/2
S
1
S1
AINN
AINP
S
2
C
A1
3pF
C
B
6pF
C
A2
3pF
AVDD
ESDProtection
AINPx
AINNx
S2
AINP
AINN
1GW
ON
OFF
ON
S
1
S
2
OFF
t
=12 s
m
SAMPLE
ADS1225
ADS1226
www.ti.com ....................................................................................................................................................... SBAS346C – MAY 2006 – REVISED JANUARY 2009
Buffer
With the buffer disabled by setting the BUFEN pin
low, the ADS1225 and ADS1226 measure the input
signal using internal capacitors that are continuously
charged
and
discharged.
Figure
20
shows
a
simplified schematic of the ADS1225/6 input circuitry,
with Figure 21 showing the on/off timings of the
switches. The S1 switches close during the input
sampling phase. With S1 closed, CA1 charges to
AINP, CA2 charges to AINN, and CB charges to (AINP
– AINN). For the discharge phase, S1 opens first and
then
S2
closes.
CA1
and
CA2
discharge
to
Figure 22. Effective Analog Input Impedances
approximately VDD/2 and CB discharges to 0V. The
with the Buffer Off
constant charging of the input capacitors presents a
load on the inputs that can be represented by
ESD diodes protect the inputs. To keep these diodes
effective impedances. Figure 22 shows the input
from turning on, make sure the voltages on the input
circuitry with the capacitors and switches of Figure 20
pins do not go below GND by more than 100mV, and
by their effective impedances.
likewise do not exceed VDD by 100mV. This
limitation is shown in Equation 1:
(1)
When the buffer is enabled by setting the BUFEN pin
high, a low-drift, chopper-stabilized input buffer is
used to achieve very high input impedance. The
buffer charges the input sampling capacitors, thus
removing the load from the measurement. Because
the input buffer is chopper-stabilized, the charging of
parasitic capacitances causes the charge to be
carried
away,
as
if
by
resistance.
The
input
impedance can be modeled by a single resistor, as
Figure 20. Simplified Input Structure with the
shown in Figure 23. Note that when START is low,
Buffer Turned Off
the buffer must be disabled to prevent loading of the
inputs.
Figure 23. Effective Analog Input Impedances
with the Buffer On
Figure 21. S1 and S2 Switch Timing for Figure 20
Note also that the analog inputs (listed in the
Electrical Characteristics table as Absolute Input
Range) must remain between GND + 0.05V to AVDD
– 1.5V. Exceeding this range degrades linearity and
results in performance outside the specified limits.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS1225 ADS1226


Podobny numer części - ADS1225IRGVT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1225IRGVT TI1-ADS1225IRGVT Datasheet
420Kb / 24P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
MAY 2006
ADS1225IRGVTG4 TI1-ADS1225IRGVTG4 Datasheet
420Kb / 24P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
MAY 2006
More results

Podobny opis - ADS1225IRGVT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1225 TI1-ADS1225_V01 Datasheet
420Kb / 24P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with One- and Two-Channel Differential Inputs and Internal Oscillator
MAY 2006
ADS1222 TI1-ADS1222_14 Datasheet
621Kb / 27P
[Old version datasheet]   24-Bit Analog-to-Digital Converter with 2-Channel Differential input Multiplexer
TLC2543-EP TI-TLC2543-EP Datasheet
387Kb / 25P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
logo
Burr-Brown (TI)
ADS1222 BURR-BROWN-ADS1222 Datasheet
240Kb / 21P
   24 BIT ANALOG TO DIGITAL CONVERTER WITH 2-CHANNEL DIFFERENTIAL INPUT MULTIPLEXER
ADS1224 BURR-BROWN-ADS1224 Datasheet
265Kb / 23P
   24-Bit Analog-to-Digital Converter with 4-Channel Differential Input Multiplexer
logo
Texas Instruments
TLC1541 TI-TLC1541 Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC1541 TI1-TLC1541_14 Datasheet
734Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com