Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1018IDGSR Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1018IDGSR
Szczegółowy opis  Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1018IDGSR Arkusz danych(HTML) 3 Page - Texas Instruments

  ADS1018IDGSR Datasheet HTML 1Page - Texas Instruments ADS1018IDGSR Datasheet HTML 2Page - Texas Instruments ADS1018IDGSR Datasheet HTML 3Page - Texas Instruments ADS1018IDGSR Datasheet HTML 4Page - Texas Instruments ADS1018IDGSR Datasheet HTML 5Page - Texas Instruments ADS1018IDGSR Datasheet HTML 6Page - Texas Instruments ADS1018IDGSR Datasheet HTML 7Page - Texas Instruments ADS1018IDGSR Datasheet HTML 8Page - Texas Instruments ADS1018IDGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
ADS1018
www.ti.com
SBAS526B – NOVEMBER 2012 – REVISED OCTOBER 2013
ELECTRICAL CHARACTERISTICS
Maximum and minimum specifications apply from TA = –40°C to +125°C, unless otherwise noted.
Typical values are at TA = +25°C. All specifications are at VDD = 3.3 V and full-scale (FS) = ±2.048 V, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage range
VIN = (AINP) – (AINN)
See Table 2
V
Analog input voltage
AINP or AINN to GND
GND
VDD
V
ZID
Differential input impedance
See Table 1
FS = ±6.144 V(1)
8
M
FS = ±4.096 V(1), ±2.048 V
6
M
ZIC
Common-mode input impedance
FS = ±1.024 V
3
M
FS = ±0.512 V, ±0.256 V
100
M
SYSTEM PERFORMANCE
Resolution
No missing codes
12
Bits
DR
Data rate
128, 250, 490, 920, 1600, 2400, 3300
SPS
Data rate variation
All data rates
–10%
10%
Output noise
See Typical Characteristics
INL
Integral nonlinearity
DR = 128 SPS, FS = ±2.048 V(2)
0.5
LSB
FS = ±2.048 V, differential inputs
0
±0.5
LSB
EO
Offset error
FS = ±2.048 V, single-ended inputs
±0.25
LSB
Offset drift
FS = ±2.048 V
0.002
LSB/°C
EG
Gain error(3)
FS = ±2.048 V at TA = +25°C
0.05%
0.25%
FS = ±0.256 V
7
ppm/°C
Gain drift(3)(4)
FS = ±2.048 V
5
40
ppm/°C
FS = ±6.144 V(1)
5
ppm/°C
PGA gain match(3)
Match between any two PGA gains
0.02%
0.1%
Gain match
Match between any two inputs
0.05%
0.1%
Offset match
Match between any two inputs
0.25
LSB
TEMPERATURE SENSOR
Temperature sensor range
–40
+125
°C
Temperature sensor resolution
0.125
°C/LSB
TA = 0°C to +70°C
0.25
±1
°C
Temperature sensor accuracy
TA = –40°C to +125°C
0.5
±2
°C
vs supply
0.125
±1
°C/V
DIGITAL INPUT/OUTPUT
VIH
Logic input level, high
0.7 VDD
VDD
V
VIL
Logic input level, low
GND
0.2 VDD
V
VOH
Logic output level, high
IOH = 1 mA
0.8 VDD
V
VOL
Logic output level, low
IOL = 1 mA
GND
0.2 VDD
V
IH
Input leakage, high
VIH = 5.5 V
±10
μA
IL
Input leakage, low
VIL = GND
±10
μA
(1)
This parameter expresses the full-scale range of the ADC scaling. In no event should more than VDD + 0.3 V or 5.5 V (whichever is
smaller) be applied to this device.
(2)
Best-fit INL; covers 99% of full-scale.
(3)
Includes all errors from the onboard PGA and reference.
(4)
Not production tested; ensured by characterization.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS1018


Podobny numer części - ADS1018IDGSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1018IDGSR TI1-ADS1018IDGSR Datasheet
1Mb / 41P
[Old version datasheet]   Analog-to-Digital Converter Internal Reference and Temperature Sensor
More results

Podobny opis - ADS1018IDGSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI-ADS1118_13 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com