Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1018IDGSR Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1018IDGSR
Szczegółowy opis  Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1018IDGSR Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS1018IDGSR Datasheet HTML 1Page - Texas Instruments ADS1018IDGSR Datasheet HTML 2Page - Texas Instruments ADS1018IDGSR Datasheet HTML 3Page - Texas Instruments ADS1018IDGSR Datasheet HTML 4Page - Texas Instruments ADS1018IDGSR Datasheet HTML 5Page - Texas Instruments ADS1018IDGSR Datasheet HTML 6Page - Texas Instruments ADS1018IDGSR Datasheet HTML 7Page - Texas Instruments ADS1018IDGSR Datasheet HTML 8Page - Texas Instruments ADS1018IDGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ADS1018
SBAS526B – NOVEMBER 2012 – REVISED OCTOBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Maximum and minimum specifications apply from TA = –40°C to +125°C, unless otherwise noted.
Typical values are at TA = +25°C. All specifications are at VDD = 3.3 V and full-scale (FS) = ±2.048 V, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER-SUPPLY REQUIREMENTS
Power-supply voltage
2
5.5
V
Power-down current at TA = +25°C
0.5
2
μA
Power-down current up to TA = +125°C
5
μA
ICC
Supply current
Operating current at TA = +25°C
150
200
μA
Operating current up to TA = +125°C
300
μA
VDD = 5.0 V
0.9
mW
PD
Power dissipation
VDD = 3.3 V
0.5
mW
VDD = 2.0 V
0.3
mW
TEMPERATURE
Tstg
Storage temperature
–60
+150
°C
Specified temperature
–40
+125
°C
THERMAL INFORMATION
ADS1018
THERMAL METRIC(1)
MSOP (DGS)
QFN (RUG)
UNITS
10 PINS
10 PINS
θJA
Junction-to-ambient thermal resistance
186.8
245.2
θJCtop
Junction-to-case (top) thermal resistance
51.5
69.3
θJB
Junction-to-board thermal resistance
108.4
172.0
°C/W
ψJT
Junction-to-top characterization parameter
2.7
8.2
ψJB
Junction-to-board characterization parameter
106.5
170.8
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS1018


Podobny numer części - ADS1018IDGSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1018IDGSR TI1-ADS1018IDGSR Datasheet
1Mb / 41P
[Old version datasheet]   Analog-to-Digital Converter Internal Reference and Temperature Sensor
More results

Podobny opis - ADS1018IDGSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI-ADS1118_13 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com